Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 10A-R

  • AI
    The term **10A-R** typically refers to a specific marking found on electronic components, most commonly **Rectifier Diodes** or certain types of **Resistors**. --- ## 1. 10A-R as a Rectifier Diode In the context of power electronics, "10A" usually signifies a **10 Ampere** current rating. These are heavy-duty diodes designed to convert Alternating Current (AC) to Direct Current (DC). ### Technical Specifications | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Forward Current ($I_F$)** | 10 Amperes | The maximum continuous current the diode can handle. | | **Voltage Range ($V_{RRM}$)** | 50V - 1000V | Depends on the suffix (e.g., 10A05 to 10A10). | | **Package Type** | R-6 or Axial | Large cylindrical body to dissipate heat. | | **Operating Temp** | -55°C to +150°C | Standard industrial range. | ### Common Variants * **10A01:** 100V Peak Inverse Voltage (PIV) * **10A04:** 400V PIV * **10A10:** 1000V PIV (The most common version) --- ## 2. 10A-R as a Resistor Marking In some marking systems (particularly SMD or industrial power resistors), **10A-R** might follow the BS 1852 standard or manufacturer-specific codes. * **10A:** Could indicate a physical size/package or a specific tolerance grade. * **R:** Often acts as a decimal point or indicates "Ohms." * **Example:** In some contexts, `10R` = 10 Ohms. However, if "A" is a tolerance code, it usually implies a very tight precision (±0.05%). --- ## 3. Applications and Usage Components marked 10A-R are generally found in power-intensive circuits: 1. **Battery Chargers:** Used in the rectification stage to handle high charging currents. 2. **Solar Panels:** Used as "Blocking Diodes" to prevent battery discharge back into panels at night. 3. **Power Supplies:** Found in high-wattage desktop PSU or industrial converters. 4. **Surge Protection:** Acting as a clamp to protect sensitive components from reverse polarity. ### Installation Code Example When using a 10A diode in a circuit design (e.g., in SPICE), it might look like this: ```spice * Example Diode Definition D1 1 2 D10A10 .MODEL D10A10 D(Is=1n Rs=0.01 N=1 Cjo=150p M=0.333 Vj=0.75 Fc=0.5 Bv=1000 Ibv=10u Tt=4u) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 10A10 diode and a Schottky diode?
    • ⤷ How do I calculate the heat dissipation for a 10A-R diode?
    • ⤷ Can I use two 5A diodes in parallel to replace one 10A diode?