Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 10AP-310-R

  • AI
    The **10AP-310-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Low Profile Tactile Switch**. These components are widely used in consumer electronics, automotive interfaces, and industrial controls where a physical "click" feedback is required in a small footprint. --- ### 1. Key Technical Specifications The following table outlines the general technical characteristics of the 10AP-310-R series: | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Tactile Switch (Momentary) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Actuation Force** | 160gf to 260gf (varies by sub-model) | | **Operating Life** | 100,000 to 500,000 cycles | | **Contact Rating** | 50mA @ 12V DC | | **Dimensions** | Approx. 3.0mm x 2.0mm or 4.5mm x 4.5mm (Series dependent) | | **Travel Distance** | 0.15mm - 0.25mm | --- ### 2. Functional Components The "10AP" series construction consists of four primary internal parts: 1. **The Cover:** Usually made of stainless steel or high-temperature plastic to protect the internal dome. 2. **The Actuator (Stem):** The part the user presses. In the 310-R model, this is usually a low-profile or "flush" actuator to save vertical space. 3. **The Contact Dome:** A metallic snap-dome that provides the tactile "click" and completes the electrical circuit when compressed. 4. **The Base/Terminals:** High-temperature plastic base with silver-plated or gold-plated leads for soldering onto a PCB. --- ### 3. Common Applications Due to its small size and reliability, the 10AP-310-R is commonly found in: * **Mobile Devices:** Volume rockers or power buttons. * **Wearables:** Smartwatches and fitness trackers. * **Medical Devices:** Portable handheld diagnostic tools. * **Automotive:** Key fobs and dashboard control buttons. --- ### 4. Implementation Example When designing a circuit with this switch, a simple pull-up resistor configuration is typically used to interface with a Microcontroller (MCU). ```cpp // Example: Basic Arduino code for a Tactile Switch input const int switchPin = 2; // Pin connected to 10AP-310-R void setup() { pinMode(switchPin, INPUT_PULLUP); // Use internal pull-up resistor Serial.begin(9600); } void loop() { int buttonState = digitalRead(switchPin); if (buttonState == LOW) { Serial.println("Switch Pressed!"); delay(200); // Simple debouncing } } ```
    ✨ Follow-up Questions
    • ⤷ What are the specific dimensions and footprint for the 10AP-310-R?
    • ⤷ What is the recommended soldering temperature profile for this SMD component?
    • ⤷ How does the 'R' suffix in the part number affect the packaging (e.g.
    • ⤷ Tape and Reel)?