Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 10AP-451-R

  • AI
    The **10AP-451-R** is a specific part number typically associated with **passive electronic components**, most commonly identified as a **high-current power inductor** or a specific **EMI suppression filter** used in power management circuits. Below is a detailed breakdown of the electronic characteristics and specifications typical of this component series. --- ### 1. General Specifications While specific manufacturers (like API Delevan or specialized industrial suppliers) may vary slightly, the "10AP" series generally follows these technical parameters: | Feature | Description | | :--- | :--- | | **Component Type** | Power Inductor / Choke | | **Inductance Value** | 450 µH to 451 µH (indicated by the "451" code) | | **Current Rating** | High Current (Typically 5A - 15A depending on package) | | **Tolerance** | ±10% or ±20% | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ### 2. Part Number Breakdown Understanding the alphanumeric code helps in identifying the part's function: * **10AP**: The Series prefix. This defines the physical size, core material (often Ferrite or Iron Powder), and the mounting style (usually Through-Hole or Lead-mount). * **451**: The Value code. In electronics, the third digit is the multiplier. * 45 + 1 zero = **450** (measured in microhenries, µH). * **-R**: Terminal/Environmental finish. This almost always signifies **RoHS (Restriction of Hazardous Substances)** compliance, meaning it is lead-free. --- ### 3. Key Electronic Functions The 10AP-451-R serves several critical roles in a circuit: 1. **Energy Storage**: In DC-DC converters, it stores energy in a magnetic field during the "on" cycle and releases it during the "off" cycle. 2. **Noise Filtration**: It acts as a low-pass filter, blocking high-frequency AC noise while allowing DC to pass through. 3. **Current Smoothing**: It prevents rapid changes in current, protecting sensitive downstream components from spikes. --- ### 4. Applications You will typically find this part in industrial-grade electronics, such as: * **Switch Mode Power Supplies (SMPS)**. * **Motor Control Circuits** (to suppress brush noise). * **Audio Amplifiers** (in the output stage filter). * **Automotive Electronics** (where high reliability and high current handling are required). --- ### 5. Physical Characteristics * **Construction**: Usually consists of a copper wire coil wound around a toroidal or bobbin core. * **Mounting**: Often "Radial" or "Vertical" through-hole mounting to handle mechanical stress and heat dissipation.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the 10AP-451-R?
    • ⤷ Can this inductor be used in high-frequency switching above 1MHz?
    • ⤷ What are the common footprints or dimensions for the 10AP series?