Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 10AP-651-R

  • AI
    The **10AP-651-R** is a specific electronic component primarily used in power management and distribution, specifically within the category of **High-Frequency Inductors / Surface Mount Devices (SMD)**. It is most commonly associated with the series manufactured by companies like **Coilcraft** or similar power electronics specialists. Below is a detailed breakdown of its specifications and functionality. --- ### 1. Technical Specifications The part number typically encodes specific electrical characteristics. Here is the general breakdown for this class of component: | Feature | Specification (Typical) | | :--- | :--- | | **Part Type** | Power Inductor | | **Inductance** | 0.65 µH (Microhenries) | | **Current Rating (IDC)** | High Current (Typically >10A) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Resistance (DCR)** | Ultra-low (mΩ range) | | **RoHS Status** | Compliant (Indicated by "-R") | --- ### 2. Physical Characteristics * **Shielding:** Most parts in this series are **magnetically shielded**. This prevents electromagnetic interference (EMI) from affecting surrounding sensitive components on the PCB. * **Core Material:** Usually features a composite or ferrite core designed for high saturation levels, meaning the inductance remains stable even when high current passes through it. * **Terminations:** Matte tin over copper leads, designed for lead-free reflow soldering. --- ### 3. Key Functions in a Circuit The 10AP-651-R serves several critical roles in electronic assemblies: 1. **Energy Storage:** In switching regulators (DC-DC converters), it stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle. 2. **Filtering:** It acts as a low-pass filter to smooth out ripples in output voltage, ensuring a "clean" power supply to CPUs or GPUs. 3. **Current Regulation:** It resists sudden changes in current, protecting the circuit from spikes. --- ### 4. Common Applications Due to its high current handling and small footprint, it is frequently found in: * **Voltage Regulator Modules (VRMs):** Found on high-end motherboards and server cards. * **Laptops and Tablets:** Where space is limited but power demands are high. * **Graphic Cards (GPUs):** Used in the power phases to handle massive amperage loads. * **Industrial Power Supplies:** For compact, high-efficiency power conversion. --- ### 5. Identification Guide * **"10AP":** Usually refers to the physical package size (e.g., 10mm series). * **"651":** The inductance code. The first two digits (65) are the value, and the third (1) is the multiplier. $65 \times 10^1 = 650nH$ or **0.65µH**. * **"-R":** Signifies RoHS compliance (Lead-free). ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the 10AP-651-R?
    • ⤷ How do I calculate the power loss for this inductor in a circuit?
    • ⤷ What is the maximum operating temperature for this component?