Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 10AP-A50-R

  • AI
    The part number **10AP-A50-R** typically refers to a high-performance **Chip Inductor** (specifically a power inductor) used in surface-mount technology (SMT). These components are vital for power management, noise filtering, and energy storage in compact electronic devices. --- ### 1. Technical Specifications Below are the general technical parameters associated with this class of power inductor: | Feature | Specification | | :--- | :--- | | **Inductance** | Typically 0.50 µH (indicated by "50") | | **Tolerance** | ±20% (standard for power inductors) | | **Current Rating (Irms)** | High (usually 10A - 15A range) | | **DC Resistance (DCR)** | Extremely Low (typically < 5 mΩ) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Key Internal Components The "Electronic Parts" or internal construction of this inductor consist of three main elements: * **The Coil (Winding):** Usually made of high-conductivity flat or round copper wire. Flat wire is often used to maximize the surface area and reduce the "Skin Effect" at high frequencies. * **The Core Material:** Often a metal alloy powder or ferrite composite. This core is designed to handle high saturation currents without a sharp drop in inductance. * **The Terminations:** Tin-plated copper electrodes at the base of the component, designed for lead-free reflow soldering onto a Printed Circuit Board (PCB). --- ### 3. Functional Application In a circuit, the 10AP-A50-R serves several critical roles: 1. **DC-DC Converters:** It acts as the energy storage element in buck (step-down) or boost (step-up) regulators. 2. **EMI Filtering:** It helps suppress high-frequency electromagnetic interference, ensuring the device meets regulatory standards. 3. **Voltage Smoothing:** It reduces "ripple" in the output voltage, providing clean power to sensitive components like CPUs or FPGAs. --- ### 4. Common Industry Usage * **Computing:** Graphics cards (GPUs), laptops, and servers. * **Mobile:** High-end smartphones and tablets. * **Industrial:** Compact power supply modules and motor controllers.
    ✨ Follow-up Questions
    • ⤷ What is the saturation current (Isat) for this specific inductor model?
    • ⤷ How does the 'R' suffix impact the packaging or ROHS compliance?
    • ⤷ Can this inductor be used in high-frequency switching power supplies above 1MHz?