Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 10AP-D11-R

  • AI
    Based on the part number **10AP-D11-R**, this component is a high-performance **Silicon Carbide (SiC) Schottky Barrier Diode** typically manufactured by companies like **Global Power Technology**. These components are widely used in power electronics due to their superior efficiency compared to traditional silicon diodes. --- ### ## Technical Specifications The following table highlights the core electrical characteristics of the **10AP-D11-R**: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Type** | SiC Schottky Diode | Silicon Carbide technology | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 1200V | Maximum voltage it can block | | **Continuous Forward Current ($I_F$)** | 10A | Maximum current at specified temp | | **Forward Voltage Drop ($V_F$)** | ~1.5V | Typical drop at 10A current | | **Reverse Recovery Charge ($Q_c$)** | ~52nC | Total capacitive charge | | **Operating Temperature** | -55°C to +175°C | Thermal operating range | | **Package Type** | TO-220-2 / TO-252 | Common power electronics housing | --- ### ### Key Features & Advantages 1. **Zero Reverse Recovery:** Unlike standard silicon diodes, SiC diodes have no reverse recovery current. This significantly reduces switching losses. 2. **High Thermal Conductivity:** Silicon Carbide dissipates heat more effectively than silicon, allowing for smaller heat sinks. 3. **Temperature Independence:** The switching behavior remains consistent even as the temperature increases, providing better system stability. 4. **High-Frequency Operation:** Because of the low switching losses, this part is ideal for high-speed power conversion circuits. --- ### ### Common Applications The 10AP-D11-R is generally found in the following systems: * **Solar Inverters:** Used in the MPPT (Maximum Power Point Tracking) boost stages. * **EV Charging Stations:** Essential for high-voltage DC-DC conversion. * **Switch Mode Power Supplies (SMPS):** Used in Power Factor Correction (PFC) circuits. * **Industrial Motor Drives:** Provides efficient freewheeling for motor control. --- ### ### Implementation Note (PCB Design) When integrating this part into a circuit, ensure proper thermal management. Even though SiC is efficient, the small package size requires adequate copper planes or a heat sink to handle the 10A continuous load. ```markdown Symbol: (Anode) --|>|-- (Cathode) Note: The "R" suffix often denotes "RoHS Compliant" or a specific reel packaging. ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between this SiC diode and a standard Silicon diode?
    • ⤷ Which specific manufacturers produce the 10AP-D11-R?
    • ⤷ What is the recommended heat sink size for a 10A continuous load?