Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 10GENG3U/-R

  • AI
    The **10GENG3U/-R** refers to a high-capacity, high-performance solid-state drive (SSD) module, typically used in enterprise storage arrays or high-end servers. It is often associated with specific storage vendors (like Hitachi Vantara or HPE) for their high-availability storage systems. Below is an explanation of its primary electronic components and architecture. ### 1. Technical Specifications Overview | Component | Specification | | :--- | :--- | | **Capacity** | Often denotes 10TB Tier (Standard high-capacity) | | **Interface** | SAS (Serial Attached SCSI) or NVMe | | **Form Factor** | 2.5-inch or 3.5-inch within a U-carrier | | **Generation** | Gen 3 (Third Generation Architecture) | | **Type** | Flash Storage (FMD - Flash Module Drive) | --- ### 2. Core Electronic Components The electronics of a 10GENG3U/-R are significantly more complex than a standard consumer SSD. They include: #### A. Custom Flash Controller (ASIC) Unlike off-the-shelf controllers, these modules use specialized **Application-Specific Integrated Circuits (ASICs)**. - **Function:** Handles Wear Leveling, Garbage Collection, and Error Correction (ECC). - **Compression Engine:** In the "-R" variants, there is often dedicated hardware-accelerated compression that offloads work from the main CPU, ensuring zero performance degradation during data reduction. #### B. NAND Flash Memory Chips The storage medium consists of high-density **V-NAND or 3D NAND** chips. - These are stacked vertically to achieve the 10TB+ capacity. - They utilize **MLC (Multi-Level Cell)** or **TLC (Triple-Level Cell)** technology tuned for enterprise endurance. #### C. DRAM Cache & Buffer - **Volatile Memory:** High-speed DDR4 RAM chips are used to store the "L2P" (Logical to Physical) mapping tables. - **Performance:** Allows for near-instantaneous data lookups and write buffering. #### D. Power Loss Protection (PLP) - **Capacitors:** The PCB (Printed Circuit Board) features an array of tantalum capacitors or super-capacitors. - **Safety:** If the system loses power, these capacitors provide enough electricity to flush the data currently in the DRAM cache into the non-volatile NAND flash, preventing data corruption. --- ### 3. Key Features of the "-R" Model The **-R** suffix typically stands for **"Reduced"** or **"Read-Optimized,"** or in some vendor contexts, it indicates **Real-time Compression**. 1. **Hardware Compression:** Uses an onboard chip to compress data before it hits the NAND, effectively increasing the "usable" capacity beyond the physical limit. 2. **Advanced Telemetry:** Includes sensors for thermal monitoring and voltage regulation to report health status to the storage controller. --- ### 4. Hardware Block Diagram Representation ```mermaid graph LR A[SAS/NVMe Interface] --> B[Custom ASIC Controller] B --> C[DRAM Cache] B --> D[Hardware Compression Engine] B --> E[NAND Flash Array] F[Capacitor Bank] --> B ```
    ✨ Follow-up Questions
    • ⤷ What is the difference in IOPS between the standard and -R versions?
    • ⤷ Which storage arrays are compatible with the 10GENG3U module?
    • ⤷ How does the onboard compression engine affect data latency?