Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 10JF-666-R

  • AI
    The **10JF-666-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These components are critical in power management circuits for filtering noise and storing energy. --- ### 1. General Specifications While specific datasheets may vary slightly by manufacturer (often associated with brands like *Sumida* or *TDK* style numbering), the "10JF" series generally follows these parameters: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Unshielded or Semi-shielded SMD Power Inductor | | **Inductance** | Usually denoted by the "666" code (66µH or specific to series) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | | **Application** | DC-DC Converters, LED Drivers, Power Supplies | --- ### 2. Part Number Breakdown Electronic part numbers are alphanumeric codes where each segment represents a physical or electrical characteristic: * **10JF**: Refers to the **Series/Size**. The "10" usually indicates a footprint size (e.g., approx 10mm width), and "JF" refers to the specific winding style or core material used by the manufacturer. * **666**: This is the **Inductance Code**. * In standard marking: $66 \times 10^6$ (unlikely for inductors) OR a proprietary manufacturer code. * *Note:* In many power inductor series, this identifies a specific value in the Henry (H) scale. * **-R**: Stands for **RoHS Compliant**. This ensures the part is manufactured without hazardous substances like lead. --- ### 3. Key Technical Roles The 10JF-666-R performs three primary functions in a circuit: 1. **Energy Storage:** In switching regulators, it stores energy in a magnetic field during the "on" cycle and releases it during the "off" cycle. 2. **Noise Filtering:** It acts as a low-pass filter, allowing DC current to pass while blocking high-frequency AC noise (Ripple). 3. **Voltage Regulation:** Helps maintain a steady output voltage in buck (step-down) or boost (step-up) converters. --- ### 4. Physical Characteristics * **Core Material:** Usually Ferrite, which provides high magnetic permeability and low energy loss. * **Termination:** Solder pads designed for reflow soldering processes. * **Form Factor:** Compact, low-profile design to fit on densely packed Printed Circuit Boards (PCBs).
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Imax) for the 10JF series?
    • ⤷ How do I calculate the inductance value if the code is 3 digits?
    • ⤷ What are the common alternatives to the 10JF-666-R for power management?