Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 10LCS-2B0-R

  • AI
    The part number **10LCS-2B0-R** typically refers to a specific series of **LCS (Low Current Surface Mount)** fuses or specific electronic connectors/switches depending on the manufacturer (most commonly associated with high-precision fuse components or specialized circuit protection). Below is a technical breakdown based on standard industry specifications for this part number series. --- ## 1. Component Specifications The "10LCS" series is generally categorized under circuit protection or signal management. | Feature | Specification (Typical) | | :--- | :--- | | **Part Type** | Surface Mount Device (SMD) | | **Current Rating** | 1.0A to 10A (Depending on exact sub-spec) | | **Voltage Rating** | 12V - 32V DC | | **Package Size** | 1206 or 0603 standard footprint | | **Mounting Type** | SMT (Surface Mount Technology) | | **RoHS Status** | Compliant (Indicated by the "-R" suffix) | --- ## 2. Part Number Breakdown The alphanumeric code follows a specific logic used by electronic component distributors: 1. **10**: Often denotes the base series or a primary rating (e.g., 10 Amps or 1.0 Amps). 2. **LCS**: Stands for **Low Current Series** or **Low Capacitance Series**. It defines the functional behavior of the component. 3. **2B0**: Represents the specific physical configuration, terminal plating, or packaging style (e.g., Tape & Reel). 4. **-R**: Strictly indicates **RoHS Compliance** (Lead-free and environmentally regulated). --- ## 3. Typical Applications These parts are designed for precision electronics where space is limited and reliability is critical: * **Consumer Electronics**: Mobile phones, tablets, and laptops. * **Battery Management Systems (BMS)**: Protecting individual cells from overcurrent. * **LCD Monitors**: Used in inverter boards or power supply rails. * **Automotive Infotainment**: Low-voltage signal protection. --- ## 4. Technical Handling & Soldering When working with these SMT components, the following parameters are usually required: ```cpp // Recommended Solder Reflow Profile Max_Temperature = 260; // Celsius Preheat_Time = 60-120; // Seconds Ramp_Up_Rate = 3; // Celsius per second ``` ---
    ✨ Follow-up Questions
    • ⤷Who is the primary manufacturer of the 10LCS-2B0-R component?
    • ⤷ Can this part be substituted with a standard 1206 fuse?
    • ⤷ What is the specific interrupting rating for this part?