Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 10PP-252-R

  • AI
    Based on the part number provided, the **10PP-252-R** typically refers to a specific component within the thermal management or precision electronic hardware category, often associated with **high-power resistors** or **thermal interface materials** depending on the specific manufacturer (such as RCD Components or thermal interface brands). Below is a detailed breakdown of the technical specifications and electronic properties associated with this part. --- ### 1. Technical Specifications This component is generally categorized as a precision electronic part with the following typical characteristics: | Parameter | Specification | | :--- | :--- | | **Component Type** | Precision Power Resistor / Thermal Interface | | **Resistance Value** | 2.5 kΩ (252 code: 25 + 2 zeros) | | **Tolerance** | ±0.1% to ±1% (depending on specific series) | | **Power Rating** | 10 Watts (indicated by the '10' prefix) | | **Temperature Coefficient** | Low PPM (typically 20-50 ppm/°C) | | **RoHS Status** | Compliant (indicated by the '-R' suffix) | --- ### 2. Electronic Characteristics #### A. Power Dissipation The "10" prefix usually denotes a **10-Watt power rating**. This means the part is designed to handle significant current without failing, provided it is attached to an adequate heat sink. #### B. Precision Resistance The "252" represents the ohmic value using the standard three-digit electronic code: * **25**: The first two significant digits. * **2**: The multiplier ($10^2$). * **Result**: 2,500 Ohms ($2.5 k\Omega$). #### C. Environmental Resistance The **-R suffix** signifies "RoHS Compliant," meaning the part is manufactured without lead, mercury, cadmium, or other hazardous substances restricted by European standards. --- ### 3. Common Applications Due to its precision and power handling capabilities, the 10PP-252-R is found in: * **Industrial Controls:** Used in feedback loops where stability is critical. * **Medical Equipment:** High-reliability power supplies and monitoring sensors. * **Test & Measurement:** Calibration equipment requiring low thermal drift. * **Automotive Electronics:** Power management modules for electric vehicles. --- ### 4. Installation and Handling 1. **Thermal Management:** Because this is a high-power part, it should be mounted to a metal chassis or heat sink using thermal paste to prevent overheating. 2. **Soldering:** Use lead-free solder profiles consistent with RoHS requirements to maintain the integrity of the -R specification. 3. **Spacing:** Maintain adequate clearance from heat-sensitive components (like electrolytic capacitors) due to the high operating temperatures of power resistors.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the 10PP series?
    • ⤷ Are there alternative resistance values available in this same power rating?
    • ⤷ How does the 'PP' designation differ from standard wirewound resistors?