Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 10RS-0A-R0-R/C02

  • AI
    Based on the part number **10RS-0A-R0-R/C02**, this component is a specific type of **ZIF (Zero Insertion Force) Flexible Printed Circuit (FPC) Connector** manufactured by **JST (Japan Solderless Terminals)**. Below is a detailed breakdown of its technical specifications and physical characteristics. --- ### 1. General Specifications The RS series is designed for high-density surface mount applications, commonly used to connect flexible cables to printed circuit boards. | Feature | Specification | | :--- | :--- | | **Manufacturer** | JST Sales America Inc. | | **Series** | RS Series | | **Number of Positions** | 10 Pins | | **Pitch (Spacing)** | 1.00mm (0.039") | | **Mounting Type** | Surface Mount (SMD), Right Angle | | **Termination** | Solder | | **FFC/FPC Thickness** | 0.30mm | --- ### 2. Part Number Breakdown The alphanumeric code describes the specific configuration of the connector: * **10**: Indicates the number of circuits/pins (10 positions). * **RS**: The series name (ZIF, 1.0mm pitch). * **0A**: Variations in housing or entry style (Top/Side entry). * **R0**: Refers to specific packaging or design revision. * **R/C02**: Indicates the packaging format, usually **Tape & Reel** (R) for automated pick-and-place assembly. --- ### 3. Mechanical & Electrical Data These connectors are engineered for durability and signal integrity in compact electronic devices. #### Electrical Characteristics: * **Current Rating:** 0.5A AC/DC. * **Voltage Rating:** 50V AC/DC. * **Contact Resistance:** Max 20mΩ (initial). * **Insulation Resistance:** Min 800MΩ. #### Physical Attributes: * **Contact Material:** Phosphor Bronze. * **Contact Plating:** Tin-plated (Reflow treatment). * **Housing Material:** Heat-resistant resin (PPS or LCP), suitable for lead-free reflow soldering. * **Actuator Type:** Slide-lock mechanism (ZIF) to secure the FPC without stress. --- ### 4. Common Applications This part is typically found in consumer electronics where space is limited and a removable flexible cable is required: * **Display Panels:** Connecting LCD/LED screens to the mainboard. * **Handheld Devices:** Mobile phones, GPS units, and digital cameras. * **Printers:** Connection between the logic board and the print head or sensors. * **Automotive:** Infotainment systems and dashboard controls. --- ### 5. Proper Handling (Caution) Because these are ZIF connectors, they are fragile: 1. **Unlock First:** Ensure the slide actuator is in the "Open" position before inserting the FPC cable. 2. **Alignment:** The cable must be inserted straight to avoid shorting adjacent pins. 3. **Locking:** Gently push the slider back into place to lock the cable; excessive force can snap the plastic actuator.
    ✨ Follow-up Questions
    • ⤷ What are the differences between ZIF and LIF FPC connectors?
    • ⤷ Is there a gold-plated version of the JST RS series?
    • ⤷ What is the recommended reflow soldering profile for this LCP housing?