Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 10RS-0B-R0-R/C03

  • AI
    The part number **10RS-0B-R0-R/C03** typically refers to a specialized electronic connector component, most commonly associated with **JST (Japan Solderless Terminals)** or similar manufacturers specializing in FFC (Flexible Flat Cable) or FPC (Flexible Printed Circuit) connectors. Below is a breakdown of its technical specifications and characteristics. --- ### 1. General Specifications This component is a surface-mount or through-hole connector designed to interface with thin, flexible cables used in compact electronics. | Feature | Specification (Typical) | | :--- | :--- | | **Type** | FFC/FPC Connector | | **Pitch** | 1.0 mm (standard for the RS series) | | **Number of Circuits** | 10 Positions | | **Orientation** | Right Angle / Side Entry | | **Contact Material** | Phosphor Bronze (Tin-plated) | | **Mounting Type** | Through-hole (Standard) | --- ### 2. Part Number Breakdown While manufacturer codes vary slightly, the nomenclature generally follows this logic: * **10**: Represents the **Number of Circuits** (10 pins). * **RS**: Refers to the **Series Name** (RS Series is a common JST 1.0mm pitch series). * **0B**: Designates the specific **Housing Type** or variation (e.g., kinked tails for PCB retention). * **R0-R**: Indicates **Packaging** or specific orientation (often Tape & Reel or Right Angle). * **C03**: A **Suffix** often denoting custom modifications, color, or specific environmental compliance (RoHS/Reach). --- ### 3. Key Applications These parts are used where space is limited and a reliable connection to a flexible cable is required: 1. **Consumer Electronics:** LCD screens, cameras, and handheld gaming devices. 2. **Peripherals:** Connection between a printer head and the main logic board. 3. **Industrial:** Control panels and sensor interfaces. ### 4. Technical Drawing Reference (General) ```cpp // Schematic Representation of Pinout [ 1 ] [ 2 ] [ 3 ] [ 4 ] [ 5 ] [ 6 ] [ 7 ] [ 8 ] [ 9 ] [ 10 ] |__________________________________________________________| | | | (Connector Housing Body) | |__________________________________________________________| | | | | | | | | | | (PCB Solder Leads - 1.0mm Spacing) ``` --- ### 5. Handling Precautions * **Insertion Force:** These are usually "Non-ZIF" (Non-Zero Insertion Force) or low-insertion force. Care must be taken not to bend the FFC cable during insertion. * **Soldering:** If it is the SMD version, ensure the reflow profile matches the thermoplastic housing's heat resistance to avoid melting.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for this specific connector series?
    • ⤷ Is there a ZIF (Zero Insertion Force) alternative for this 10-pin layout?
    • ⤷ What are the recommended storage conditions to prevent oxidation on the tin-plated leads?