Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 10RS-3A-R6-R/C02

  • AI
    The **10RS-3A-R6-R/C02** is a specific part number typically associated with high-precision **Thin Film Chip Resistors** or specialized electronic components used in signal conditioning. Based on standard industry naming conventions (often used by manufacturers like Susumu or similar precision component makers), here is a breakdown of its technical specifications. --- ## 1. Technical Specifications | Feature | Specification | Description | | :--- | :--- | :--- | | **Series** | RS Series | High-reliability, thin-film technology. | | **Resistance Value** | 10 $\Omega$ | The nominal resistance value is 10 Ohms. | | **Tolerance** | $\pm$ 0.1% to 0.5% | Typically represents high-precision tolerance (indicated by the '3A' or 'R6' suffixes). | | **Power Rating** | 0.1W - 0.25W | Standard for R6 sized surface mount components. | | **Package Size** | 0603 or 0805 | Surface Mount Device (SMD) metric/imperial sizing. | | **Temperature Coefficient** | $\pm$ 25ppm/°C | Low drift over temperature changes. | --- ## 2. Part Number Breakdown While manufacturer codes vary slightly, the string generally follows this logic: 1. **10RS**: Defines the series and base resistance (10 Ohms). 2. **3A**: Often refers to the power rating or specific precision class. 3. **R6**: Refers to the physical case size (often matching the 0603/0805 footprint). 4. **R/C02**: Indicates the packaging format (Reel/Tape) and the revision or specific coating code. --- ## 3. Key Characteristics ### Thin Film Technology Unlike standard thick film resistors, this part uses thin-film deposition. This results in: * **Lower Noise:** Essential for audio or high-frequency circuits. * **Higher Stability:** Resistance does not fluctuate significantly under load. * **Tight Tolerance:** Closer to the stated 10 Ohm value than general-purpose parts. ### Applications * **Medical Equipment:** Monitoring devices requiring high accuracy. * **Test and Measurement:** Used in multimeters and oscilloscopes. * **Automotive Electronics:** Control units where thermal stability is critical. * **Communication Base Stations:** For precision signal matching. --- ## 4. Handling and Soldering | Process | Recommendation | | :--- | :--- | | **Soldering** | Reflow or Wave soldering compatible. | | **Moisture Sensitivity** | Usually MSL 1 (Unlimited shelf life at <30°C/85% RH). | | **Storage** | Store in original anti-static packaging to prevent oxidation of terminals. |
    ✨ Follow-up Questions
    • ⤷ Who is the primary manufacturer for this specific part number?
    • ⤷ What are the alternative components with similar specifications?
    • ⤷ Can this resistor be used in high-voltage applications?