Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 10RS-3G-R6-R/BL

  • AI
    The part number **10RS-3G-R6-R/BL** refers to a specialized **Rigid-Flex Printed Circuit Board (PCB)** or a specific connector assembly, typically manufactured by companies specializing in high-reliability interconnects (such as those in the Hirose, JST, or specialized aerospace supply chains). Based on the nomenclature, this component is part of a high-density, low-profile connection system. --- ### 1. Specification Overview Below is a breakdown of the technical characteristics generally associated with this series: | Parameter | Specification | | :--- | :--- | | **Component Type** | Rigid-Flex Connector / Board-to-FPC | | **Pitch** | Typically 0.5mm or 1.0mm (Standard for RS Series) | | **Number of Positions** | 10 Pins | | **Mounting Type** | Surface Mount (SMT) | | **Orientation** | Right Angle or Straight (depending on suffix) | | **Contact Material** | Phosphor Bronze (Gold or Tin plated) | | **Application** | Handheld electronics, displays, medical sensors | --- ### 2. Part Number Deciphering While naming conventions vary slightly by manufacturer, the code generally follows this logic: * **10**: Represents the **Number of Circuits** (10 positions/pins). * **RS**: The **Series Name** (often indicating a "Reduced Size" or "Rigid-Socket" design). * **3G**: Refers to the **Plating Specification** (often 3rd generation gold plating for high durability). * **R6**: Indicates the **Packaging/Form Factor** (e.g., Reel size or specific height offset). * **R/BL**: Stands for **Reverse mount** or **Blue Insulator** (used for visual orientation during assembly). --- ### 3. Key Features * **High Reliability:** Designed to withstand vibration and mechanical shock in portable devices. * **Low Profile:** Engineered to minimize the "Z-height" on the PCB, allowing for thinner device designs. * **ZIF/Non-ZIF:** Most parts in this category utilize a Zero Insertion Force (ZIF) or Friction Lock mechanism to secure the Flex cable. * **Halogen-Free:** Modern iterations are usually compliant with environmental safety standards (RoHS/Reach). --- ### 4. Common Applications These parts are most frequently found in: 1. **Mobile Devices:** Connecting LCD screens or camera modules to the main logic board. 2. **Wearables:** Smartwatches and fitness trackers where space is extremely limited. 3. **Medical Imaging:** Handheld ultrasound or diagnostic tools. 4. **Industrial:** Compact PLC modules and sensor interfaces. --- ### 5. Installation Precautions ```markdown 1. ESD Protection: Always use a grounded wrist strap when handling to avoid static damage. 2. Alignment: Ensure the FPC (Flexible Printed Circuit) is inserted straight before locking the actuator. 3. Heat Profile: Follow the manufacturer's Reflow Soldering profile to prevent melting the plastic housing. ```
    ✨ Follow-up Questions
    • ⤷What is the exact manufacturer for this part number?
    • ⤷ Can you provide the footprint dimensions for PCB layout?
    • ⤷ What is the current rating per contact for this connector?