Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 10RS-5C-R6-R/C01

  • AI
    The part number **10RS-5C-R6-R/C01** typically refers to a high-precision, high-resolution **Incremental Magnetic Encoder** or a similar sensing component, often associated with brands like **NIDEC (Sankyo)** or specialized industrial motion control manufacturers. Below is a detailed breakdown of the technical specifications and characteristics of this electronic component. --- ### 1. Technical Specifications Overview | Feature | Specification Details | | :--- | :--- | | **Component Type** | Incremental Magnetic Encoder / Sensor | | **Resolution** | 10 bits (or 1024 pulses per revolution) | | **Signal Type** | RS-422 (Differential) or Open Collector | | **Input Voltage** | Typically 5V DC | | **Output Channels** | A, B, and Z (Index pulse) | | **Mounting Style** | Radial / Shaft-mounted | | **Compliance** | RoHS Compliant | --- ### 2. Part Number Breakdown (Estimated) While specific internal coding varies by manufacturer, the nomenclature generally follows this logic: * **10RS**: Likely refers to the **Resolution** (10-bit) or the series size. * **5C**: Indicates the **Supply Voltage** (5V DC) and output Circuit type (C = Complementary or Collector). * **R6**: Refers to the physical mechanical interface, such as a **6mm shaft** or specific radial lead configuration. * **R/C01**: Revision codes or specific connector configurations (C01 often denotes a specific cable length or connector type). --- ### 3. Key Electronic Characteristics #### A. Sensing Technology This part utilizes **Hall Effect** or **Magnetic Resistance (MR)** technology. Unlike optical encoders, magnetic encoders are highly resistant to dust, oil, and vibration, making them ideal for harsh industrial environments. #### B. Differential Signaling If configured with RS-422 output, the part provides high noise immunity. This allows the signal to travel over longer cables without data corruption, which is critical in motor control applications. #### C. Quadrature Output The device outputs two square waves (Channel A and B) offset by 90 degrees. This allows the controller to determine: 1. **Speed:** Based on the frequency of pulses. 2. **Direction:** Based on which channel (A or B) leads the other. --- ### 4. Common Applications * **Brushless DC Motors (BLDC):** Providing feedback for commutation and speed control. * **Robotic Joints:** Monitoring the precise angular position of an arm or actuator. * **Medical Equipment:** Used in precision pumps or scanning beds. * **Factory Automation:** Positioning for conveyor belts or small-scale CNC machinery. --- ### 5. Wiring and Integration Standard implementations usually follow this color code or pinout: ```yaml Pin 1: VCC (+5V) Pin 2: GND (0V) Pin 3: Signal A Pin 4: Signal B Pin 5: Signal Z (Index) Pin 6: Shield/Ground ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum RPM supported by this encoder model?
    • ⤷ How does a magnetic encoder compare to an optical encoder in terms of durability?
    • ⤷ Can this part be used with a 12V or 24V PLC system?