Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 10RS-5G-R6-R/BL

  • AI
    The part number **10RS-5G-R6-R/BL** typically refers to a specialized electronic connector component, most commonly associated with **FPC (Flexible Printed Circuit) or FFC (Flexible Flat Cable)** connectors. These are used to connect ribbons of circuitry to a main PCB. Below is a breakdown of the specifications and characteristics typical for this series of components. --- ### 1. General Specifications Based on standard industry nomenclature for the **RS series** of connectors, here are the likely technical parameters: | Parameter | Specification | | :--- | :--- | | **Connector Type** | FPC/FFC Connector | | **Pitch** | 0.5mm (Standard for the 5G series) | | **Number of Pins** | 10 Positions | | **Mounting Type** | Surface Mount (SMT) / Right Angle | | **Contact Type** | Bottom Contact (or Dual Contact) | | **Actuator Type** | ZIF (Zero Insertion Force) Flip-lock | ### 2. Part Number Deciphering While specific manufacturers (like JST, Hirose, or local high-precision vendors) may vary slightly, the code generally breaks down as follows: * **10**: Indicates the number of circuits/pins (10-pin). * **RS**: The series name (often signifying a low-profile or space-saving design). * **5G**: Typically denotes the pitch (0.5mm) and a specific generation of the design. * **R6**: Refers to the height or specific revision of the molding (e.g., 0.9mm or 1.2mm profile). * **R/BL**: Indicates packaging and color (R = Reel packaging for automated pick-and-place; BL = Black color insulator). ### 3. Key Features 1. **Low Profile:** Designed for extremely thin electronic devices like smartphones, tablets, and wearables. 2. **ZIF Mechanism:** Uses a locking lever to secure the cable, preventing accidental disconnection and reducing wear on the cable contacts. 3. **High-Temperature Plastic:** Built to withstand lead-free reflow soldering processes. 4. **Gold Plating:** Most variants feature gold-plated contacts to ensure high conductivity and prevent oxidation over time. ### 4. Common Applications * **Mobile Devices:** Connecting LCD screens or touch panels to the motherboard. * **Cameras:** Connecting image sensor modules. * **Laptops:** Internal connections for keyboards, trackpads, and fingerprint sensors. * **Medical Gear:** Compact handheld diagnostic tools. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for this 10-pin FPC connector?
    • ⤷ Is this connector compatible with 0.3mm or 0.5mm thick FFC cables?
    • ⤷ What are the recommended reflow soldering temperature profiles for this part?