Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 10RS-5G-R6-R/C03

  • AI
    The part number **10RS-5G-R6-R/C03** typically identifies a specialized electrical connector or cabling component, often associated with the **RS Series** from manufacturers like **JST (Japan Solderless Terminals)** or similar electronic component suppliers. Below is a detailed breakdown of the specifications and characteristics of this electronic part. --- ### 1. General Specifications This component is generally a **crimp-style connector** or a **IDC (Insulation Displacement Connector)** designed for high-density wire-to-board applications. | Feature | Description | | :--- | :--- | | **Component Type** | Rectangular Connector / IDC Housing | | **Series** | RS Series | | **Number of Circuits** | 10 Positions | | **Pitch** | 2.5mm (approximate, standard for RS series) | | **Current Rating** | 1.0A to 3.0A AC/DC (varies by wire gauge) | | **Voltage Rating** | 250V AC/DC | | **RoHS Status** | Compliant (indicated by -R) | --- ### 2. Part Number Breakdown While manufacturer coding can vary slightly, the nomenclature usually follows this logic: * **10**: Indicates the number of positions (10-pin). * **RS**: The product series (typically a 2.5mm pitch IDC connector). * **5G**: May refer to the specific color (Green) or a specific material grade. * **R6**: Revision or specific packaging/housing orientation code. * **R/C03**: Often signifies RoHS compliance or a specific customized internal lead-free plating code. --- ### 3. Key Technical Features * **IDC Technology:** These parts often use Insulation Displacement technology, allowing wires to be connected without stripping the insulation, which speeds up the manufacturing process. * **Dual-Sided Contacts:** High reliability provided by dual-contact points that ensure stable electrical conductivity even under vibration. * **Locking Mechanism:** Usually features a friction-lock or a side-lock mechanism to prevent accidental disconnection. * **Material:** The housing is typically made of UL94V-0 rated Nylon or heat-resistant resin. --- ### 4. Typical Applications These connectors are commonly found in: 1. **Consumer Electronics:** TV internal wiring, audio equipment, and white goods. 2. **Industrial Controls:** Signal transmission between PCBs in control boxes. 3. **Office Automation:** Printers, copiers, and scanners where space-saving wire-to-board connections are needed. --- ### 5. Recommended Mating Components To complete a circuit using this part, you would typically require: * **Header:** A 10-pin male header (straight or right-angle) mounted on the PCB. * **Cabling:** Ribbon cable or discrete wires (typically 24-28 AWG) compatible with the IDC slot size. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pitch measurement for the RS series connector?
    • ⤷ Is a special tool required for terminating the 10RS-5G-R6-R/C03?
    • ⤷ What are the mounting differences between the R6 and standard versions?