Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 10S-R2

  • AI
    The **10S-R2** generally refers to a specific configuration of a **Battery Management System (BMS)** designed for a 10-series (36V/37V nominal) Lithium-ion battery pack. This specific model is frequently found in electric scooters (like the Xiaomi M365 series) and hoverboards. Below is an explanation of its electronic components and architecture. ### 1. Architectural Overview The "10S" designation means the board manages **10 cells in series**. The "R2" typically denotes the hardware revision (Revision 2). | Feature | Specification | | :--- | :--- | | **Nominal Voltage** | 36V | | **Max Charge Voltage** | 42V (4.2V per cell) | | **Cell Chemistry** | Li-ion or LiPo | | **Common Interface** | UART/I2C for communication with Controller | --- ### 2. Primary Electronic Components #### A. The Control Unit (MCU) The heart of the 10S-R2 is usually an 8-bit or 32-bit Microcontroller (often from the **STM32** or **Atmel** family). * **Function:** It monitors cell voltages, calculates State of Charge (SoC), and communicates with the motor controller via a data bus. #### B. Monitoring IC (Analog Front End) Because a microcontroller cannot handle 42V directly, an AFE chip is used. * **Component:** High-voltage multiplexers and ADCs. * **Function:** It measures the precise voltage of each of the 10 individual cells to ensure they stay within the safe range (typically 3.0V to 4.2V). #### C. Power MOSFETs These act as the "electronic switches" for the battery. * **Charge MOSFET:** Disconnects the charger if a cell is overcharged. * **Discharge MOSFET:** Cuts power to the motor if the battery is too low or if a short circuit is detected. #### D. Passive Components * **Shunt Resistors:** Low-resistance precision resistors used to measure current flow (Amperage) via voltage drop. * **Thermistors (NTC):** Temperature sensors glued to the cells to prevent thermal runaway. * **Balancing Resistors:** Small resistors that bleed off excess energy from higher-voltage cells so the weaker cells can catch up during charging. --- ### 3. Safety Protection Features The electronics are programmed to trigger "fault" states under the following conditions: | Protection Type | Action | | :--- | :--- | | **Over-Voltage (OVP)** | Stops charging if any cell hits >4.25V. | | **Under-Voltage (UVP)** | Shuts down output if any cell drops <2.5V. | | **Over-Current (OCP)** | Trips the MOSFETs if the motor draws more than the rated Amps (e.g., 20A). | | **Short Circuit** | Immediate hardware-level shutdown. | --- ### 4. Communication Pinout (Typical) Most 10S-R2 boards feature a 4-pin or 5-pin connector for data: 1. **VBAT** (Battery Positive) 2. **GND** (Ground) 3. **TX** (Transmit Data) 4. **RX** (Receive Data) ---
    ✨ Follow-up Questions
    • ⤷ How do I test if the MOSFETs on a 10S-R2 board are blown?
    • ⤷ What are the common signs of a failed 10S-R2 BMS?
    • ⤷ Can I bypass the 10S-R2 BMS for higher discharge rates?