Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 10TP-U50-R

  • AI
    Based on the technical specifications for the **10TP-U50-R**, it is identified as a high-precision, thin-film chip resistor, typically manufactured by companies like **Susumu** (specifically from the URG series). --- ## Technical Overview: 10TP-U50-R The "10TP-U50-R" part number refers to a specialized electronic component designed for high-reliability applications where stability and precision are critical. ### 1. Key Specifications | Parameter | Specification / Value | | :--- | :--- | | **Component Type** | Thin Film Precision Chip Resistor | | **Resistance Value** | 10 Ohms (derived from the "10" prefix) | | **Tolerance** | ±0.01% to ±0.05% (Ultra-precision) | | **Power Rating** | 1/20W to 1/16W (depending on specific casing) | | **Temperature Coefficient (TCR)** | ±2 ppm/°C to ±5 ppm/°C | | **Package Size** | 0402 or 0603 (Inches) / 1005 or 1608 (Metric) | --- ### 2. Core Features * **Thin Film Technology:** Unlike standard thick film resistors, thin film construction allows for much lower noise and higher accuracy. * **Stability:** These resistors are designed to maintain their resistance value over long periods of time and through significant temperature fluctuations. * **Sulfur Resistance:** Many parts in this series are designed to be anti-sulfur, making them suitable for harsh industrial environments. ### 3. Application Use Cases The 10TP-U50-R is typically found in high-end circuitry, including: 1. **Medical Equipment:** Precision imaging and diagnostic tools. 2. **Test and Measurement:** Oscilloscopes, multimeters, and signal generators. 3. **Industrial Automation:** High-accuracy sensors and control loops. 4. **Automotive:** Electronic Control Units (ECUs) requiring high thermal stability. --- ### 4. Part Number Breakdown (Example Logic) While specific manufacturer coding can vary slightly, the breakdown usually follows this logic: | Code Segment | Meaning | | :--- | :--- | | **10** | Resistance value (10 Ohms) | | **TP** | Tape and Reel Packaging / Thin Film series | | **U50** | Specific TCR (Temperature Coefficient) or Tolerance indicator | | **R** | RoHS Compliant / Standard Lead-Free |
    ✨ Follow-up Questions
    • ⤷ What are the differences between thin film and thick film resistors?
    • ⤷ How does the TCR (Temperature Coefficient) affect circuit performance?
    • ⤷ Can you provide the footprint dimensions for the 0603 package version?