Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 10TS-320-R

  • AI
    The **10TS-320-R** is an electronic component primarily classified as a **Tactile Switch**. These components are widely used in consumer electronics, industrial controls, and interface panels to provide momentary physical feedback to the user. --- ### 1. Technical Specifications The "10TS-320-R" typically follows standard industry specifications for small-form-factor PCB switches. | Feature | Specification (Typical) | | :--- | :--- | | **Switch Type** | Tactile (Momentary) | | **Actuator Type** | Round Button / Stem | | **Mounting Type** | Through-Hole (THT) or Surface Mount (SMD) | | **Contact Arrangement** | SPST - NO (Single Pole Single Throw - Normally Open) | | **Operating Force** | 160gf to 250gf (Grams-force) | | **Electrical Rating** | 50mA @ 12V DC | | **Travel Distance** | 0.25mm ± 0.1mm | | **Mechanical Life** | 100,000+ Cycles | --- ### 2. Internal Construction The internal architecture of this switch consists of several key layers designed for durability and conductivity: * **Actuator (Stem):** The physical button pressed by the user. The height can vary based on the specific sub-model. * **Cover/Frame:** Usually made of stainless steel or plastic to hold the internal components in place. * **Contact Dome:** A snap-action metal disc. When pressed, it collapses to complete the circuit and provides the "click" feeling (haptic feedback). * **Base:** A high-temperature resistant thermoplastic housing the terminals. * **Terminals:** Silver-plated brass or copper alloy for soldering onto a circuit board. --- ### 3. Wiring Configuration Since it is a **Normally Open (NO)** switch, the circuit remains disconnected until the button is depressed. ```mermaid graph LR A[Input Terminal] -- Pressing Button --> B[Output Terminal] note[Circuit Completes Only During Compression] ``` ### 4. Common Applications Due to its reliability and small footprint, the 10TS-320-R is found in: 1. **Consumer Electronics:** Remote controls, microwave panels, and calculators. 2. **Computing:** Reset buttons on motherboards or peripheral input devices. 3. **Industrial:** PLC input triggers and emergency stop reset signals. 4. **Medical:** Interface buttons for handheld diagnostic tools. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Through-Hole and Surface Mount versions of this switch?
    • ⤷ How do I debounce this switch in a microcontroller circuit?
    • ⤷ What is the maximum current rating for the 10TS-320-R?