Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 10TS-4B0-R

  • AI
    The **10TS-4B0-R** is a specific electronic component, typically categorized as a **Tactile Switch** (also known as a momentary push-button switch). These components are ubiquitous in consumer electronics for providing user input with physical feedback. --- ### 1. Technical Specifications The following table outlines the general technical characteristics common to the 10TS series (specifically the 4B0-R variant): | Parameter | Specification | | :--- | :--- | | **Component Type** | Tactile Switch | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Actuator Style** | Round / Standard Flush | | **Operating Force** | Typically 160gf to 250gf | | **Contact Rating** | 50mA @ 12VDC | | **Switch Function** | Momentary (Off-On) | | **Termination Style** | Gull Wing (J-Lead) or Flat Lead | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ### 2. Physical Dimensions & Layout The "4B0" segment of the part number often refers to the physical size and height of the switch. * **Standard Footprint:** Usually 6.0mm x 6.0mm or 4.5mm x 4.5mm depending on the specific manufacturer series. * **Height:** The "4" often signifies a 4.3mm or 5.0mm height from the PCB to the top of the actuator. * **Material:** Built with a high-temperature thermoplastic base to withstand SMT reflow soldering temperatures. --- ### 3. Key Features * **Tactile Feedback:** Provides a distinct "click" sensation when pressed, confirming the circuit has been closed. * **Durability:** Rated for high cycle life, often between 100,000 to 1,000,000 actuations. * **Environmental Resistance:** The "-R" usually denotes RoHS compliance, meaning it is free from hazardous substances like lead and cadmium. * **Tape and Reel Packaging:** Designed for automated "pick and place" assembly lines. --- ### 4. Common Applications Due to its small form factor and reliability, the 10TS-4B0-R is found in: 1. **Consumer Electronics:** Remote controls, microwave buttons, and cameras. 2. **Computing:** Reset buttons on motherboards or interface buttons on monitors. 3. **Industrial:** Control panels and handheld measurement tools. 4. **Automotive:** Dashboard controls and key fobs.
    ✨ Follow-up Questions
    • ⤷ What is the exact footprint size for the 10TS-4B0-R in millimeters?
    • ⤷ Does this switch come in a 'Through-Hole' mounting version?
    • ⤷ What is the expected electrical life cycle for this specific model?