Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 10TS-5F0-R

  • AI
    ### Overview of the 10TS-5F0-R The **10TS-5F0-R** is a high-performance **Surface Mount Device (SMD) Tactile Switch**. These components are widely used in consumer electronics, industrial controls, and medical devices where a physical user interface is required to provide tactile feedback (a "click" sensation) to the operator. --- ### Key Specifications and Characteristics | Feature | Specification Details | | :--- | :--- | | **Component Type** | Tactile Switch (Momentary) | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Circuitry** | SPST (Single Pole Single Throw) | | **Switch Function** | Off-Mom (Normally Open) | | **Actuator Type** | Standard Plunger / Button | | **Operating Force** | Typically 160gf to 250gf (varies by sub-series) | | **Contact Rating** | 50mA @ 12V DC | | **Lifecycle** | ~100,000 to 500,000 cycles | --- ### Internal Construction The electronic functionality of the 10TS-5F0-R relies on a few critical internal parts: 1. **Contact Dome (The Heart):** A small, stainless steel or copper alloy disc. When pressed, it collapses to complete the circuit and provides the "click" feeling. 2. **Base (Housing):** Usually made of high-temperature resistant thermoplastic (like LCP or Nylon) to survive the reflow soldering process. 3. **Terminals:** Metal leads that are soldered to the PCB. In this specific model, they are designed for surface mounting to save space on the board. 4. **Actuator:** The top part that the user pushes. In the "F0" or similar variants, the height is specific to the design requirements of the enclosure. --- ### Common Applications The 10TS-5F0-R is typically found in: * **Consumer Electronics:** Remote controls, cameras, and headphones. * **Computer Peripherals:** Reset buttons on routers or side buttons on mice. * **Industrial:** Interface panels for machinery. * **Wearables:** Due to its compact SMD footprint. --- ### Schematic Representation In a circuit diagram, this part is represented as a simple open switch that closes only while pressure is applied. ```text (Input) ----/ ---- (Output) [Switch] ```
    ✨ Follow-up Questions
    • ⤷ What are the specific dimensions/footprint of the 10TS-5F0-R for PCB layout?
    • ⤷ What is the recommended reflow soldering temperature for this SMD switch?
    • ⤷ Are there waterproof (IP-rated) versions of this tactile switch available?