Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 10TS-756-R

  • AI
    The **10TS-756-R** is a specific electronic component primarily identified as a **Tactile Switch** (also known as a momentary push-button switch). These components are widely used in consumer electronics, industrial controls, and PCB assemblies to provide user input through a physical "click" sensation. --- ### 1. Technical Specifications The "10TS" series typically follows industry-standard footprints. Below are the common technical characteristics associated with this specific part number: | Parameter | Specification (Typical) | | :--- | :--- | | **Switch Type** | Tactile (Momentary) | | **Mounting Type** | Through-Hole (THT) | | **Actuator Style** | Round Button / Plunger | | **Contact Arrangement** | SPST (Single Pole Single Throw) | | **Operating Force** | 160gf to 250gf (Gram-force) | | **Termination Style** | PC Pin (Right Angle or Vertical) | | **Voltage Rating** | 12V DC | | **Current Rating** | 50mA | --- ### 2. Physical Characteristics The "756" suffix often refers to the specific dimensions of the switch housing and the height of the actuator (the button itself). * **Size:** Usually a **6x6mm** square base. * **Actuator Height:** The "756" designation frequently implies a specific height (e.g., 5.0mm or 7.0mm depending on the manufacturer's internal coding). * **Tactile Feedback:** Designed to provide a crisp, audible "click" to let the user know the circuit has been closed. --- ### 3. Pin Configuration Tactile switches like the 10TS-756-R generally have 4 pins, though they only control a single circuit: ```text Pin 1 ----| |---- Pin 2 (Internally connected) | | Pin 3 ----| |---- Pin 4 (Internally connected) ``` * When the button is **pressed**, Pins 1/2 connect to Pins 3/4. * When the button is **released**, the circuit is broken (Normally Open). --- ### 4. Applications Because of its small footprint and reliability, this part is commonly found in: 1. **Consumer Electronics:** Volume buttons, power buttons on monitors, or reset buttons. 2. **Embedded Systems:** Input buttons for Arduino or Raspberry Pi projects. 3. **Industrial:** Control panels and membrane keypad interfaces. 4. **Automotive:** Dashboard controls and interior lighting toggles. --- ### 5. Part Number Breakdown (General Pattern) * **10TS:** Series prefix for Tactile Switches. * **756:** Dimension/Height code. * **-R:** Often signifies **RoHS Compliance** (Restriction of Hazardous Substances) or **Reel** packaging.
    ✨ Follow-up Questions
    • ⤷What is the footprint size for the 10TS-756-R on a PCB?
    • ⤷ Can this switch be used for AC voltage applications?
    • ⤷ What is the expected mechanical lifespan in cycles?