Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 10TS-7B0-R

  • AI
    The **10TS-7B0-R** typically refers to a high-performance, shielded **RJ45 modular jack** (Ethernet connector) used in networking hardware. It is designed to facilitate physical data transmission between a PCB and network cabling. ### 1. Technical Specifications Below are the general specifications typical for this component series: | Parameter | Description | | :--- | :--- | | **Connector Type** | RJ45 (8P8C) | | **Orientation** | Side Entry (Right Angle) | | **Mounting Type** | Through-Hole (THT) | | **Shielding** | Metal Shielded (EMI Protection) | | **Number of Ports** | 1 (Single Port) | | **Gold Plating** | Usually 3u" to 50u" (depending on sub-variant) | | **LEDs** | Integrated (often Green/Yellow) | --- ### 2. Key Components & Functions #### A. Internal Magnetics (Transformer) Unlike simple connectors, the "10TS" series often includes **Integrated Connector Modules (ICM)**. This means it contains: * **Isolation Transformers:** To protect the circuitry from voltage spikes. * **Common Mode Chokes:** To filter out Electromagnetic Interference (EMI) and ensure signal integrity. #### B. The Shielding (Metal Shell) The "R" in the part number often indicates compliance with **RoHS standards**. The outer metal shell is grounded to the PCB to prevent external radio frequency interference (RFI) from degrading the data signal. #### C. Contacts and Plating * **Phosphor Bronze Pins:** Provide excellent conductivity and flexibility. * **Gold Plating:** Applied to the contact area to prevent oxidation and ensure a low-resistance connection over thousands of plug/unplug cycles. --- ### 3. Application Areas The 10TS-7B0-R is commonly found in: * **Network Switches & Routers:** The primary interface for LAN cables. * **Industrial PCs:** Used for reliable Ethernet communication in harsh environments. * **IoT Gateways:** Providing wired internet connectivity to smart devices. * **Set-top Boxes:** For high-speed data streaming. --- ### 4. Schematic Representation In a circuit design, the pinout usually follows this logic: ```markdown Pin 1: TD+ (Transmit Data +) Pin 2: TD- (Transmit Data -) Pin 3: RD+ (Receive Data +) Pin 4: NC (Not Connected / Termination) Pin 5: NC (Not Connected / Termination) Pin 6: RD- (Receive Data -) Pin 7: NC (Not Connected / Termination) Pin 8: NC (Not Connected / Termination) ```
    ✨ Follow-up Questions
    • ⤷What is the difference between a standard RJ45 and an ICM like the 10TS series?
    • ⤷ What does the 'R' suffix signify in electronic part numbering?
    • ⤷ How do I choose the correct footprint for this connector in PCB design software?