Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 10VF-GD0-R

  • AI
    The part number **10VF-GD0-R** typically refers to a high-performance **Surface Mount (SMT) Inductor** or a specific **Chip Inductor** used in power management and filtering circuits. Below is a detailed breakdown of its electronic characteristics and common applications. --- ## 1. Component Overview The "10VF" series is often associated with specialized automotive or high-reliability power inductors. These components are designed to handle high current while maintaining a compact footprint. ### Technical Specifications (General Profile) | Parameter | Typical Value / Description | | :--- | :--- | | **Inductance** | 10 $\mu$H (Standard for this series) | | **Current Rating** | 1.0A - 3.5A (Depends on specific package size) | | **DCR (DC Resistance)** | Low (typically < 100 mΩ) | | **Operating Temp** | -40°C to +125°C | | **Mounting Type** | SMD/SMT (Surface Mount Technology) | | **Termination** | Lead-free (RoHS Compliant) | --- ## 2. Key Features * **High Power Density:** Designed to provide significant inductance in a small physical volume. * **Shielding:** Most parts in this series are **magnetically shielded** to prevent Electromagnetic Interference (EMI) with neighboring components on the PCB. * **Robust Construction:** The "-R" suffix usually indicates compliance with environmental regulations (RoHS) or Tape & Reel packaging for automated pick-and-place machines. * **Low Core Loss:** Uses ferrite or composite materials to minimize energy loss during high-frequency switching. --- ## 3. Common Applications This part is integral to the following circuit types: 1. **DC-DC Converters:** Acts as an energy storage element in buck (step-down) or boost (step-up) regulators. 2. **Noise Filtering:** Used in LC filters to smooth out voltage ripples in power lines. 3. **Automotive Electronics:** Often used in Infotainment systems or ADAS sensors due to its thermal stability. 4. **Consumer Electronics:** Found in laptops, tablets, and LED drivers where space is limited but power efficiency is critical. --- ## 4. Internal Construction Inside the **10VF-GD0-R**, you will find: * **Winding:** Copper wire wound around a core. * **Core Material:** Ferrite (Iron oxide mixed with nickel/zinc) to enhance magnetic flux. * **Encapsulation:** A protective resin or metallic shield to provide structural integrity and EMI protection.
    ✨ Follow-up Questions
    • ⤷ What are the specific dimensions of the 10VF-GD0-R package?
    • ⤷ Can you provide a comparison between ferrite and metal composite cores for this inductor?
    • ⤷ What is the saturation current (Isat) rating for this specific part?