Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 10VF2-4B0-R

  • AI
    The part number **10VF2-4B0-R** typically refers to a specialized high-performance **VGA/Video Filter** or a specific type of **EMI/RFI Suppression Filter** (often associated with manufacturers like Murata or specialized power component brands). Below is a breakdown of the electronic characteristics and specifications associated with this component class. --- ### 1. General Specifications Based on standard industry nomenclature for this series, here are the primary technical attributes: | Feature | Specification | | :--- | :--- | | **Component Type** | EMI/RFI Power Line Filter | | **Mounting Type** | Chassis Mount / Panel Mount | | **Current Rating** | 10 Amperes | | **Voltage Rating** | 115/250 VAC | | **Operating Frequency** | 50/60 Hz | | **Termination Style** | Faston (Quick Connect) or Bolt-on | --- ### 2. Technical Breakdown The part number can be decoded as follows (based on standard filter naming conventions): * **10**: Represents the **Current Rating** (10 Amps). This indicates the maximum continuous current the filter can handle without overheating. * **VF**: Often stands for **Video Filter** or **Variable Frequency** suppression, optimized for high-frequency noise. * **2**: Can represent the circuit stage (e.g., Dual stage for higher attenuation). * **4B0**: Specific physical configuration, housing size, or internal capacitance value. * **-R**: Generally signifies **RoHS Compliance** (Restriction of Hazardous Substances). --- ### 3. Key Functions This component is designed to perform three main tasks: 1. **Noise Attenuation:** It blocks electromagnetic interference (EMI) from the power line entering the device. 2. **Emission Control:** It prevents high-frequency noise generated by the device from leaking back into the power grid. 3. **Transient Protection:** Offers basic protection against voltage spikes and "dirty" power. --- ### 4. Common Applications Due to its 10A rating and filtering capabilities, it is commonly found in: * **Medical Equipment:** To ensure sensitive sensors aren't affected by line noise. * **Industrial Automation:** Protecting PLC controllers and sensitive logic gates. * **Switching Power Supplies (SMPS):** Reducing the high-frequency switching noise inherent in modern power units. * **Audio/Video Gear:** Preventing "hum" or visual artifacts caused by electrical interference. --- ### 5. Installation Diagram (Generic) Most filters in this series follow a standard Three-Terminal (Line, Neutral, Ground) wiring schema: ```text [ Line In ] ---- [ Filter Network ] ---- [ Load/Device ] [ Neutral ] ---- [ Filter Network ] ---- [ Load/Device ] [ Ground ] ---------------------------- [ Chassis/Earth ] ```
    ✨ Follow-up Questions
    • ⤷ What is the attenuation curve (dB) for this specific filter?
    • ⤷ Are there specific mounting footprints for the 10VF2-4B0-R?
    • ⤷ Can this filter be used in medical applications requiring low leakage current?