Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 10YS-666-R

  • AI
    The **10YS-666-R** is a specific component typically associated with **common mode chokes** or **line filters** used in power electronics and signal processing. These parts are designed to suppress electromagnetic interference (EMI) and radio-frequency interference (RFI). ### 1. Technical Specifications Overview While specific data can vary by manufacturer (often associated with brands like *Sumida* or *Mag.Layers*), the "10YS" series generally follows these characteristics: | Parameter | Typical Value/Description | | :--- | :--- | | **Component Type** | Common Mode Choke / EMI Filter | | **Core Material** | Ferrite | | **Inductance** | Usually represented by the "666" code (approx. 660 $\mu$H or specific impedance) | | **Termination** | Surface Mount (SMD) or Through-Hole (dependent on package suffix) | | **Compliance** | RoHS Compliant (indicated by the "-R") | --- ### 2. Key Internal Components The 10YS-666-R consists of several critical electronic elements: * **Magnetic Core:** A high-permeability ferrite ring or "U" core that concentrates the magnetic field. * **Windings:** Two sets of copper wire coils wound in opposite directions around the core. This setup allows "wanted" signals to pass while creating high impedance for "noise." * **Encapsulation:** Often housed in a heat-resistant plastic base or epoxy coating to ensure structural integrity and insulation. --- ### 3. Functional Applications This part is primarily used to ensure electronic devices meet regulatory standards for noise emissions. 1. **Switching Power Supplies (SMPS):** Prevents high-frequency switching noise from leaking back into the power grid. 2. **Data Lines:** Filters out common-mode noise in communication cables without degrading the signal quality. 3. **DC-DC Converters:** Smooths output ripples and protects sensitive downstream components. --- ### 4. Circuit Representation In a schematic, the part is represented as two coupled inductors with polarity dots: ```text Line In (1) o---( L1 )---o Line Out (2) ) ( Neutral In (4) o---( L2 )---o Neutral Out (3) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value corresponding to the 666 code?
    • ⤷ How does a common mode choke differ from a standard inductor?
    • ⤷ What are the footprint dimensions for the 10YS-666-R package?