Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 110012

  • AI
    It appears you are referring to the **110012** part number, which is most commonly associated with **SST (Silicon Storage Technology)**, now a subsidiary of **Microchip Technology**. Specifically, this part number is often a suffix or internal identifier for the **SST11CP15** or related 2.4 GHz High-Efficiency Linear Power Amplifiers. --- ### Technical Specifications (SST11CP15-QUBE-K / 110012) The 110012 series typically refers to high-frequency integrated circuits used in wireless communication. Below are the general specifications for this class of component: | Feature | Specification | | :--- | :--- | | **Component Type** | RF Power Amplifier (PA) | | **Frequency Range** | 2.4 GHz to 2.5 GHz | | **Protocol Support** | IEEE 802.11b/g/n (Wi-Fi) | | **Operating Voltage** | 3.3V to 5.0V | | **Gain** | ~26 dB to 30 dB | | **Package Type** | UQFN (Small footprint) | --- ### Key Applications These electronic parts are designed for compact wireless devices where power efficiency and space are critical. 1. **WLAN Access Points:** Used to boost the signal for wireless routers. 2. **Mobile Devices:** Integrated into smartphones and tablets for Wi-Fi connectivity. 3. **IoT Modules:** Used in smart home devices that require stable 2.4GHz connections. 4. **Cordless Phones:** Providing signal amplification for digital wireless handsets. --- ### Comparison of Similar RF Parts | Part Number | Frequency | Max Power Output | Efficiency | | :--- | :--- | :--- | :--- | | **SST11CP15** | 2.4 GHz | +23 dBm | High | | **SST12LP15A** | 2.4 GHz | +22 dBm | Ultra-Low Current | | **SST11CP16** | 2.4 GHz | +25 dBm | High Linearity | --- ### Component Handling & Integration * **Thermal Management:** Because these are power amplifiers, they generate significant heat. The center pad (e-pad) of the chip must be soldered to a ground plane to act as a heat sink. * **Impedance Matching:** To function correctly at 2.4 GHz, the input and output pins require specific microstrip line widths and passive components (capacitors/inductors) to match 50 Ohms.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the SST11CP15 series?
    • ⤷ How do I calculate the thermal dissipation for an RF power amplifier?
    • ⤷ Are there alternative manufacturers for the 110012 part number?