Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 11002-R

  • AI
    Based on common electronic component databases and automotive part numbering systems, the code **11002-R** most frequently refers to a specialized **Ignition Coil** or a high-performance **Spark Plug Wire Set** used in automotive electronics. Below is a detailed breakdown of the technical specifications and characteristics typically associated with this part number. --- ## 1. Component Overview The 11002-R is primarily an inductive component designed to convert low-voltage battery power into high-voltage electricity. | Feature | Specification | | :--- | :--- | | **Component Type** | Ignition Coil / Inductive Spark Component | | **Primary Voltage** | 12V DC (Standard Automotive) | | **Secondary Output** | 30,000V to 45,000V | | **Resistance (Primary)** | ~0.5 to 1.5 Ohms | | **Application** | Internal Combustion Engines (Electronic Ignition) | --- ## 2. Technical Electronic Characteristics ### A. Magnetic Induction The core of the 11002-R consists of a primary and secondary winding wrapped around a laminated iron core. It functions as a step-up transformer. When the electronic control unit (ECU) breaks the primary circuit, the collapsing magnetic field induces a massive voltage in the secondary winding. ### B. Internal Circuit Protection Modern "R" designated versions (often standing for "Resistor" or "Reinforced") include: * **Internal Resistors:** To suppress Electromagnetic Interference (EMI) that could disrupt the vehicle's ECU or radio. * **Epoxy Insulation:** High-dielectric potting compound to prevent internal arcing under high-heat conditions. --- ## 3. Comparison of Variants Depending on the manufacturer (e.g., NGK, MSD, or Denso styles), the "R" suffix usually denotes a specific variation: | Suffix | Meaning | Electronic Impact | | :--- | :--- | :--- | | **Standard (11002)** | Base Model | Standard voltage output for OEM replacements. | | **Suffix -R** | Race / Resistance | Lower resistance for higher spark energy or added RFI suppression. | --- ## 4. Common Failure Modes Electronic parts like the 11002-R are subject to harsh environments. Common failure points include: 1. **Thermal Breakdown:** Prolonged exposure to engine heat degrades the copper winding insulation. 2. **Carbon Tracking:** High voltage leaks across the external casing due to moisture or dirt. 3. **Short Circuits:** Occur when the primary winding resistance drops below the threshold, potentially damaging the ignition driver in the ECU. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for your 11002-R part?
    • ⤷ How can I test the resistance of this part using a multimeter?
    • ⤷ Does the 11002-R require an external igniter or is it a 'coil-on-plug' design?