Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 1111802

  • AI
    The part number **1111802** is primarily associated with a high-performance **Silicon NPN Power Transistor**, often manufactured by companies like **STMicroelectronics** or **ON Semiconductor** (formerly Motorola). It is designed for high-voltage, high-speed switching applications. --- ## 1. Technical Specifications The 1111802 is engineered to handle significant power loads while maintaining fast switching speeds. Below are the typical electrical characteristics: | Parameter | Value | | :--- | :--- | | **Transistor Type** | NPN Silicon | | **Collector-Emitter Voltage ($V_{CEO}$)** | ~400V - 450V | | **Collector-Base Voltage ($V_{CBO}$)** | ~700V - 800V | | **Collector Current ($I_C$)** | 15A (Continuous) | | **Total Power Dissipation ($P_D$)** | 125W - 175W (Depending on Case) | | **Package Type** | TO-3 (Metal Can) or TO-247 | | **Operating Temperature** | -65°C to +150°C | --- ## 2. Key Features * **High Voltage Capability:** Designed to withstand high flyback voltages, making it ideal for inductive loads. * **Fast Switching:** Optimized for minimal switching losses, which is critical for efficiency in power supplies. * **Robustness:** The TO-3 metal package variant provides excellent heat dissipation and physical durability in industrial environments. * **High Current Gain:** Maintains a stable $h_{FE}$ (Current Gain) across a wide range of collector currents. --- ## 3. Common Applications This component is frequently found in older industrial equipment, automotive ignition systems, and power conversion units. ### Primary Uses: 1. **Switching Regulators:** Used in Switch Mode Power Supplies (SMPS) to convert voltage levels efficiently. 2. **Ignition Circuits:** High-voltage handling makes it suitable for automotive electronic ignition modules. 3. **Solenoid/Relay Drivers:** Capable of driving high-current inductive loads without immediate breakdown. 4. **Inverters:** Used in DC-to-AC power conversion stages. --- ## 4. Pin Configuration (TO-3 Package) In the classic TO-3 metal package, the pinout is generally as follows: ```text _______ / \ | (O) (O) | <-- Pins (Bottom View) | 1 2 | \ (O) / <-- Case \_______/ 1. Base (B) 2. Emitter (E) Case: Collector (C) ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the modern surface-mount equivalents for the 1111802 transistor?
    • ⤷ How do I test a 1111802 transistor using a multimeter?
    • ⤷ Which thermal interface material is recommended for a TO-3 power transistor?