Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 112..

  • AI
    It appears you are referring to the **112 series** of electronic components, most notably the **1N112** diode or potentially common **112-style connectors**. Below is an overview of the most common electronic parts associated with the designation "112." --- ## 1. The 1N112 Rectifier Diode The `1N112` is a legacy germanium power rectifier diode. While modern silicon diodes (like the 1N4001 series) have largely replaced them, they are still studied in vintage electronics. ### Technical Specifications | Parameter | Value | | :--- | :--- | | **Material** | Germanium | | **Peak Inverse Voltage (PIV)** | 200V - 400V (depending on manufacturer) | | **Forward Current ($I_f$)** | ~150mA to 250mA | | **Forward Voltage Drop ($V_f$)** | ~0.3V (Lower than silicon) | --- ## 2. Common "112" Electronic Modules In modern hobbyist electronics (Arduino/Raspberry Pi ecosystems), "112" often appears in specific sensor or communication modules: ### A. ESP-12 / ESP-112 Modules These are Wi-Fi modules based on the **ESP8266** chip. * **Purpose:** Provides Wi-Fi connectivity to microcontrollers. * **Key Feature:** Low power consumption and integrated TCP/IP stack. ### B. MCP112 Voltage Supervisor A common IC (Integrated Circuit) used to monitor power supply rails. * **Function:** It holds a microcontroller in a "Reset" state until the power supply reaches a stable voltage level to prevent data corruption. --- ## 3. Passive Components: Resistors and Capacitors In the **E-Series** of component values (specifically E24, E48, E96), "112" is a standardized value multiplier. * **SMD Resistor Code "112":** On a Surface Mount Device (SMD), the code `112` does not mean 112 ohms. It follows the formula $XY \times 10^Z$. * **11** = Significant digits * **2** = Multiplier ($10^2$) * **Result:** $1100$ Ohms (or 1.1kΩ). --- ## 4. Hardware and Connectors The number 112 is frequently used in industrial connector sizing: * **Series 112 Connectors:** Often refers to circular DIN connectors or specific ribbon cable headers used in telecommunications. * **112-Type Relays:** Small electromagnetic switches used for PCB mounting to control high-power circuits with a low-power signal. --- ### Comparison of 112 Component Types | Category | Component | Primary Use | | :--- | :--- | :--- | | **Semiconductor** | 1N112 Diode | Rectification in vintage circuits | | **IC** | MCP112 | Voltage monitoring and Reset control | | **SMD Marking** | 112 Code | Represents a 1.1kΩ Resistance | | **Electromechanical** | 112 Relay | Switching AC/DC loads |
    ✨ Follow-up Questions
    • ⤷ Are you looking for the SMD resistor code calculation for 112?
    • ⤷ Do you need the datasheet specifications for a specific 112 series transistor?
    • ⤷ Are you repairing a vintage device that uses 1N112 diodes?