Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 1121-R

  • AI
    The term **1121-R** typically refers to a specific component identifier used in electronics, most commonly associated with **Surface Mount Device (SMD) Resistors** or specific **Power Inductors**. Below is a detailed breakdown of the technical specifications and characteristics generally associated with this part number. --- ### 1. General Specifications In most manufacturing contexts, "1121-R" refers to a **high-precision resistor** or a **molded power inductor**. The "-R" suffix usually denotes "RoHS Compliance" or "Resistance/Radial" depending on the manufacturer. | Feature | Description | | :--- | :--- | | **Component Type** | Passive Component (Resistor or Inductor) | | **Package Style** | SMD (Surface Mount Device) or Through-hole | | **Standard Value** | Varies by manufacturer (often 1.1k Ohms or 121 Ohms) | | **Tolerance** | Usually ±1% or ±5% | | **RoHS Status** | Compliant (indicated by the -R suffix) | --- ### 2. Common Variants of 1121-R #### A. SMD Resistors (Case Size 1121) While not as common as 0805 or 1206, the 1121 metric size (approximately 1.1mm x 2.1mm) is used in high-density circuit boards. * **Application:** Precision timing circuits, signal conditioning. * **Key Benefit:** Small footprint with stable thermal properties. #### B. Power Inductors (e.g., Coilcraft or Würth style) If the part is an inductor, the "1121" often refers to the series dimensions (e.g., 11mm x 11mm x 2.1mm). * **Usage:** DC-DC converters, power supplies for laptops/servers. * **Characteristics:** High current handling, low DCR (DC Resistance). --- ### 3. Identification via Marking Codes If you are looking at a physical component with "1121" printed on it, the value is decoded as follows: | Code | Meaning | Resulting Value | | :--- | :--- | :--- | | **112** | 11 followed by 2 zeros | 1,100 Ohms (1.1kΩ) | | **121** | 12 followed by 1 zero | 120 Ohms (120Ω) | | **R112** | R acts as a decimal | 0.112 Ohms | --- ### 4. Technical Precautions * **Soldering:** Use lead-free solder profiles if the part is confirmed RoHS (-R). * **Voltage Rating:** Ensure the operating voltage does not exceed the component's rated limit (typically 50V-200V for resistors of this size). * **Power Dissipation:** Check if the wattage (e.g., 1/8W or 1/4W) matches your circuit requirements to prevent overheating. ---
    ✨ Follow-up Questions
    • ⤷Is the 1121-R part you are looking for a resistor or an inductor?
    • ⤷ What is the specific manufacturer brand on the datasheet?
    • ⤷ What is the target resistance or inductance value for your circuit?