Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 118TDK-R

  • AI
    The term **118TDK-R** most commonly refers to a specific series or batch identifier for high-performance **Multilayer Ceramic Capacitors (MLCCs)** manufactured by **TDK Corporation**. These components are fundamental in modern electronics for filtering, decoupling, and energy storage. --- ### 1. Component Overview The "118" designation often refers to the physical case size or a specific capacitance value depending on the full part number string (e.g., C1608... series). These parts are designed for Surface Mount Technology (SMT). | Feature | Specification Details | | :--- | :--- | | **Manufacturer** | TDK Corporation | | **Component Type** | Multilayer Ceramic Chip Capacitor (MLCC) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Common Applications** | Power supply bypass, noise reduction, signal smoothing | | **Termination** | Matte Tin (Sn) or specialized resin for flex resistance | --- ### 2. Key Technical Characteristics * **Multilayer Structure:** These parts consist of alternating layers of ceramic dielectric and metal electrodes, allowing for high capacitance in a tiny footprint. * **Temperature Stability:** Usually categorized under Class I (C0G/NP0 for stability) or Class II (X5R, X7R for high density) dielectrics. * **The "-R" Suffix:** In TDK nomenclature, the suffix often denotes: * **Packaging:** Tape and Reel (for automated pick-and-place machines). * **Specialty:** In some contexts, it can indicate "Resin External Electrode" (Soft Termination), which prevents cracking due to board flexure. --- ### 3. Usage in Circuitry The 118TDK-R series components are typically found in the following locations on a Printed Circuit Board (PCB): 1. **Decoupling:** Placed near Integrated Circuits (ICs) to suppress high-frequency noise. 2. **Filtering:** Used in DC-DC converters to smooth voltage ripples. 3. **Timing:** Used in RC circuits where precision and temperature stability are required. --- ### 4. Identification Guide To get the exact electrical specs (Voltage, Capacitance, Tolerance), you must look at the full alphanumeric code. **Example Breakdown (TDK Logic):** `C | 1608 | X7R | 1H | 104 | K | T | 000N` * **C:** Ceramic * **1608:** Metric size (1.6mm x 0.8mm) * **X7R:** Dielectric type * **1H:** Voltage (e.g., 50V) * **104:** Capacitance (100,000pF or 0.1μF) ---
    ✨ Follow-up Questions
    • ⤷What is the difference between standard and soft termination (Resin) in TDK capacitors?
    • ⤷ How do I decode the capacitance value from a TDK part number?
    • ⤷ What are the common case sizes for the TDK 118 series?