Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 1200-R12

  • AI
    The **1200-R12** refers to a high-performance **Programmable Logic Controller (PLC)**, specifically within the **Kinco K5 series** (K506-24AR/DT or similar variants often associated with the 1200 CPU class). These are industrial-grade controllers designed for automation and motion control. Below is an explanation of the electronic components and technical specifications of this series. --- ### 1. Core Technical Specifications The "1200" designation usually implies a specific CPU power class, while "R12" often refers to the relay output configuration or a specific sub-revision. | Component | Specification | | :--- | :--- | | **Microprocessor** | 32-bit RISC Industrial Processor | | **Digital Inputs** | 14 Channels (typically 24V DC) | | **Digital Outputs** | 10 Channels (Relay or Transistor depending on sub-model) | | **Power Supply** | AC 85V - 265V or DC 24V | | **Communication Ports** | RS232, RS485 (Supports Modbus RTU/Free Protocol) | | **High-Speed Counters** | 2-4 channels (up to 60kHz) | --- ### 2. Electronic Hardware Breakdown #### A. Input Section (Optocouplers) The input pins use **optical isolation** to protect the internal CPU from voltage spikes on the factory floor. * **Logic Type:** Sinking/Sourcing (NPN/PNP) compatible. * **Filtering:** Built-in hardware filters to prevent "contact bounce" from physical switches. #### B. Output Section (Relay vs. Transistor) The "R" in R12 generally signifies **Relay Outputs**: * **Relay Type:** Electromagnetic mechanical switches. * **Load Capacity:** Usually up to 2A per channel. * **Advantage:** Can switch both AC and DC loads. * **Disadvantage:** Slower switching speed and limited mechanical life compared to transistors. #### C. Power Circuitry The internal PCB contains a **Switching Mode Power Supply (SMPS)**: * Converts incoming AC/DC to 5V (for the CPU) and 24V (for sensor power). * Includes **Varistors (MOV)** for surge protection and electrolytic capacitors for ripple filtering. #### D. Communication Interface The board features an integrated **UART/RS485 transceiver chip** (like the MAX485 or similar). This allows the 1200-R12 to talk to: * HMIs (Human Machine Interfaces) * Frequency Inverters (VFDs) * Other PLCs via Modbus. --- ### 3. Key Electronic Features for Automation 1. **RTC (Real Time Clock):** A dedicated clock chip with a battery backup (usually a CR1220 or Supercapacitor) to keep track of time for scheduled tasks. 2. **EEPROM/Flash Memory:** Non-volatile memory that stores the user program so it isn't lost when power is disconnected. 3. **LED Indicators:** Diagnostic lights for Power (PWR), Running (RUN), and I/O status. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R12 relay version and the T12 transistor version?
    • ⤷ How do I wire a 2-wire proximity sensor to the 1200-R12 input?
    • ⤷ What programming software is used to configure the Kinco 1200 series?