Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 1206SDF-R12

  • AI
    The **1206SDF-R12** is a specific surface-mount technology (SMT) component, primarily identified as a **Fast-Acting Thin-Film Chip Fuse**. It is designed to provide overcurrent protection in compact electronic circuits. --- ### ## Component Overview The part number follows a standard naming convention for passive components, where the prefix defines the size and the suffix defines the electrical characteristics. | Feature | Specification | | :--- | :--- | | **Component Type** | Thin-Film Chip Fuse | | **Package Size** | 1206 (3.2mm x 1.6mm) | | **Current Rating** | 0.12A (120mA) | | **Response Time** | Fast-Acting (SDF Series) | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### ## Key Technical Specifications Typical specifications for a 1206SDF-R12 (based on standard industry data from manufacturers like Littelfuse or Bourns) include: 1. **Current Rating ($I_n$):** 120mA. This is the maximum continuous current the fuse can carry without opening. 2. **Voltage Rating:** Often rated up to 32V or 63V DC, depending on the specific manufacturer's series. 3. **Interrupting Rating:** The maximum fault current the fuse can safely interrupt (often around 50A at rated voltage). 4. **Resistance:** Cold resistance is typically high compared to larger fuses, often in the range of 2.0 to 4.0 Ohms. 5. **Operating Temperature:** Generally $-55^\circ C$ to $+125^\circ C$. --- ### ## Applications Because of its small footprint and precise triggering, this component is commonly found in: * **LCD Monitors & Backlighting:** Protecting inverter circuits. * **Battery Packs:** Overcurrent protection for cell monitoring wires. * **Portable Electronics:** Smartphones, tablets, and digital cameras. * **USB Port Protection:** Safeguarding low-power data lines. --- ### ## Decoding the Part Number | Segment | Meaning | | :--- | :--- | | **1206** | The physical dimensions (0.12 x 0.06 inches). | | **SDF** | Series identifier (Surface-mount, Digital/Fast-acting). | | **R12** | The current rating code (R = decimal point; 0.12 Amps). | --- ### ## Installation Notes * **Soldering:** Should be installed using reflow or wave soldering. Excessive heat during hand soldering can damage the thin-film element. * **De-rating:** When operating in high-temperature environments, the current rating must be de-rated according to the manufacturer's thermal curve (typically 10-20%).
    ✨ Follow-up Questions
    • ⤷What is the difference between a fast-acting and a slow-blow 1206 fuse?
    • ⤷ How do I calculate the de-rating for this fuse at 70°C?
    • ⤷ Are there alternative manufacturers for the 1206SDF-R12?