Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 1206SDF-R47

  • AI
    The **1206SDF-R47** is a surface-mount electronic component, specifically a **Surface Mount Inductor** (also known as a Fixed Inductor or Chip Inductor). It is commonly used in high-frequency applications and power management circuits. --- ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the specifications of the part: | Part Segment | Meaning | Specification | | :--- | :--- | :--- | | **1206** | Case Size | Imperial dimensions (approx. 3.2mm x 1.6mm) | | **SDF** | Product Series | Standard Ferrite Chip Inductor (Standard/Signal type) | | **R47** | Inductance Value | 0.47 µH (Microhenries) | --- ### 2. Key Technical Specifications While exact values can vary slightly by manufacturer (such as Taiyo Yuden or Bourns), a typical 1206 R47 inductor follows these parameters: * **Inductance:** 0.47 µH * **Tolerance:** Typically ±10% or ±20% (K or M) * **Operating Temperature:** Generally -40°C to +125°C * **DC Resistance (DCR):** Low resistance to minimize power loss. * **Saturation Current (Isat):** The maximum current at which the inductance drops by a specific percentage. --- ### 3. Physical Attributes The **1206** package size is one of the most common standard SMD (Surface Mount Device) footprints. * **Length:** 3.2 mm (0.126 inches) * **Width:** 1.6 mm (0.063 inches) * **Construction:** Usually a multilayer ferrite structure or a wire-wound core encased in resin/ferrite. --- ### 4. Common Applications Due to its size and inductance value (0.47 µH), this part is frequently found in: 1. **DC-DC Converters:** Used for energy storage and smoothing in small power supplies. 2. **EMI/RFI Filtering:** Acting as a low-pass filter to block high-frequency noise in signal lines. 3. **Mobile Electronics:** Found in smartphones, tablets, and wearables where space is limited. 4. **Decoupling:** Used alongside capacitors to isolate specific circuit stages from noise. --- ### 5. Circuit Symbol and Footprint In a schematic, this part is represented by the standard inductor symbol: ```text L1 ---(uuuuu)--- 0.47uH ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for this specific inductor model?
    • ⤷ How does the 'R47' notation differ from '470' in electronic labeling?
    • ⤷ What are the recommended reflow soldering profiles for 1206 SMD components?