Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 120B-R

  • AI
    The term **120B-R** typically refers to a specific series of high-performance **Electromagnetic Interference (EMI) Filters** or **Power Line Filters**, commonly manufactured by brands like *Delta Electronics* or *TE Connectivity (Corcom)*. Below is a detailed breakdown of the electronic components and technical specifications associated with this part. --- ## 1. Technical Specifications The 120B-R is generally a high-current, general-purpose power filter designed to suppress noise in AC power lines. | Parameter | Typical Value | | :--- | :--- | | **Rated Voltage** | 115V / 250V AC | | **Rated Current** | 120 Amperes (A) | | **Operating Frequency** | 50/60 Hz | | **Circuit Type** | Single Stage / Dual Stage | | **Termination Style** | Bolt/Stud Terminals (R-type) | | **Safety Certifications** | UL, CSA, VDE | --- ## 2. Internal Electronic Components The "R" suffix often indicates a specific configuration (like reinforced insulation or a specific mounting style). Internally, the filter consists of a passive network of RLC components: ### A. Inductors (Chokes) * **Purpose:** To block high-frequency electromagnetic noise while allowing the 50/60Hz power to pass. * **Material:** Usually high-permeability ferrite cores or nanocrystalline cores. ### B. X-Capacitors (Line-to-Line) * **Purpose:** To suppress **differential mode noise** (noise between the hot and neutral lines). * **Placement:** Connected across the power input lines. ### C. Y-Capacitors (Line-to-Ground) * **Purpose:** To suppress **common-mode noise** (noise between the lines and the chassis/earth). * **Safety Note:** These are specifically designed to fail "open" to prevent electric shock hazards. ### D. Discharge Resistor * **Purpose:** To safely bleed off the electrical charge stored in the capacitors once the power is disconnected, preventing accidental shock. --- ## 3. Typical Applications Because of its high current rating (120A), this part is used in heavy-duty industrial environments: * **Variable Frequency Drives (VFDs):** Reducing noise generated by motor controllers. * **Industrial Automation:** Protecting PLCs and sensitive sensors from power grid spikes. * **Large Power Supplies:** Used in server rooms or telecommunication hubs. * **Medical Equipment:** High-grade versions are used to ensure interference doesn't affect life-support systems. --- ## 4. Part Number Breakdown (General Pattern) While manufacturers differ slightly, the code usually breaks down as follows: | Code Segment | Meaning | | :--- | :--- | | **120** | Current Rating (120 Amps) | | **B** | Series Designator (e.g., General Purpose/Performance) | | **R** | Terminal Style (usually Stud/Bolt for high current) | ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between differential mode and common mode noise in filters?
    • ⤷ Are there specific mounting requirements for a 120A EMI filter?
    • ⤷ How do I calculate the insertion loss for this component?