Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 1210F-R22

  • AI
    The **1210F-R22** is a specific type of surface-mount device (SMD) electronic component, typically classified as a **Fixed Inductor**. Below is a detailed breakdown of its specifications, nomenclature, and technical characteristics. --- ## 1. Technical Specifications The part number provides encoded information about its physical size and electrical properties. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | SMD Inductor | Surface Mount Device | | **Package Size** | 1210 (Metric 3225) | 3.2mm x 2.5mm | | **Inductance Value** | 0.22 µH | The "R22" represents the decimal point (0.22) | | **Tolerance** | ±1% (F) | High precision (F indicates 1%) | | **Material** | Wire-wound or Ferrite | Often wire-wound for high Q-factors | --- ## 2. Nomenclature Breakdown The code **1210F-R22** can be parsed as follows: 1. **1210**: The **Case Size**. It measures 0.12 inches by 0.10 inches. In metric units, this is referred to as a **3225** package. 2. **F**: The **Tolerance**. In the electronics industry, 'F' stands for $\pm 1\%$. This is considered a high-precision inductor. 3. **R22**: The **Inductance Value**. The 'R' acts as a decimal point for values measured in microhenries ($\mu H$). * $R22 = 0.22 \mu H$ * $2R2 = 2.2 \mu H$ * $220 = 22 \mu H$ --- ## 3. Key Electrical Characteristics When integrating a 1210F-R22 into a circuit, engineers look at these specific performance metrics: ### Self-Resonant Frequency (SRF) Because $0.22 \mu H$ is a relatively low inductance value, these parts usually have a high SRF (often in the hundreds of MHz). This makes them suitable for high-frequency filtering and RF applications. ### Quality Factor (Q) Small SMD inductors like this are designed to have a high "Q" factor, meaning they have low internal resistance relative to their inductive reactance, leading to high efficiency in resonant circuits. ### Rated Current ($I_{sat}$ and $I_{rms}$) * **$I_{sat}$ (Saturation Current):** The current level where inductance drops by a specific percentage. * **$I_{rms}$ (Rated Current):** The maximum continuous current the part can handle without overheating. --- ## 4. Typical Applications Components of this specification are commonly found in: * **Mobile Devices:** Power management modules. * **RF Circuits:** Impedance matching and signal filtering. * **DC-DC Converters:** Voltage regulation in compact electronics. * **EMI Suppression:** Filtering high-frequency noise from power lines. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a wire-wound and a multilayer 1210 inductor?
    • ⤷ How does the 'F' tolerance compare to 'J' or 'K' tolerances in inductors?
    • ⤷ What are the typical maximum current ratings for a 0.22 µH 1210 inductor?