Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 12312-R

  • AI
    The part number **12312-R** typically refers to a specialized electronic component, most commonly identified as a **High-Frequency Power Transformer** or a **Custom Inductor**, often manufactured by companies like **STMicroelectronics** or specialized magnetic component suppliers. --- ### 1. Component Overview The "12312-R" suffix (specifically the **-R**) usually indicates **RoHS Compliance** (Restriction of Hazardous Substances), meaning the part is lead-free. | Feature | Description | | :--- | :--- | | **Component Type** | Magnetic Component (Transformer/Inductor) | | **Application** | Switching Power Supplies (SMPS), DC-DC Converters | | **Compliance** | RoHS Compliant (-R) | | **Mounting Type** | Usually Through-Hole (THT) or Surface Mount (SMD) | --- ### 2. Key Technical Specifications While exact specifications can vary by manufacturer, parts in this series generally follow these parameters: * **Core Material:** Ferrite (optimized for high-frequency switching). * **Operating Frequency:** Typically 20 kHz to 500 kHz. * **Isolation Voltage:** Often rated for 1.5kV to 3kV (if used as an isolation transformer). * **Thermal Rating:** Standard industrial range (-40°C to +125°C). --- ### 3. Common Circuit Roles In an electronic circuit, the 12312-R serves one of the following primary functions: 1. **Voltage Transformation:** Stepping up or stepping down AC voltage in a switched-mode power supply. 2. **Energy Storage:** In "Flyback" topologies, it stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle. 3. **Galvanic Isolation:** Providing a safety barrier between the high-voltage input side and the low-voltage output side. 4. **Filtering:** Acting as a common-mode choke to suppress electromagnetic interference (EMI). --- ### 4. Identification and Sourcing If you are looking for a replacement or datasheet, consider the following: * **Logo/Brand:** Look for a manufacturer logo (e.g., Pulse Electronics, Würth Elektronik, or Coilcraft) on the casing. * **Package Size:** Measure the physical dimensions (e.g., EFD20, EE16, or ER28), as "12312" may refer to an internal design house code. * **Pinout:** Check the number of pins on the bottom to confirm if it matches standard power supply layouts.
    ✨ Follow-up Questions
    • ⤷ Which manufacturer logo is printed on your specific 12312-R part?
    • ⤷ What is the physical size or pin count of the component?
    • ⤷ Is this part being used in a consumer appliance or an industrial power supply?