Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 125LS18-R

  • AI
    The **125LS18-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These components are essential in power management circuits for filtering and energy storage. --- ### 1. Technical Specifications The part number follows a standard nomenclature used by manufacturers (like Taiyo Yuden or similar high-current inductor producers). Below are the typical characteristics for this series: | Parameter | Typical Value | | :--- | :--- | | **Inductance** | 18 µH (Microhenries) | | **Tolerance** | ±20% (M) or ±10% (K) | | **Current Rating (Isat)** | High Saturation Current (usually 1.0A - 2.5A) | | **DC Resistance (DCR)** | Low resistance to minimize heat loss | | **Operating Temp** | -40°C to +125°C | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### 2. Physical Construction * **Core Material:** Usually a Ferrite or Metal Alloy core to handle high magnetic flux. * **Shielding:** Most "LS" series inductors are **shielded**, meaning they have a magnetic coating to prevent Electromagnetic Interference (EMI) from affecting nearby components. * **Termination:** Lead-free (RoHS compliant) tin-plated terminals for soldering. --- ### 3. Functional Role in Circuits The 125LS18-R serves three primary functions in electronic assemblies: 1. **Energy Storage:** In DC-DC converters (Buck or Boost), it stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle. 2. **Noise Filtering:** It acts as a low-pass filter, blocking high-frequency AC noise while allowing stable DC current to pass through. 3. **Voltage Regulation:** Helps smooth out ripple currents in power supply stages for CPUs, GPUs, and mobile chipsets. --- ### 4. Common Applications * **Consumer Electronics:** Laptops, tablets, and smartphones. * **Power Supplies:** Switch-mode power supplies (SMPS). * **Automotive:** Infotainment systems and LED lighting drivers. * **Telecommunications:** Network routers and base station power modules. --- ### 5. Part Number Breakdown While naming conventions vary by brand, the code generally breaks down as follows: * **125:** Often refers to the physical dimensions (e.g., 12mm x 12mm x 5mm). * **LS:** Series identifier (Indicates Shielded Power Inductor). * **18:** The base inductance value (18). * **R:** Usually indicates the decimal point or a specific packaging type (Tape & Reel).
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the 125LS18-R?
    • ⤷ Can this inductor be used in high-frequency switching applications above 1MHz?
    • ⤷ What are the recommended footprint dimensions for PCB layout?