Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 127CTA-R

  • AI
    The **127CTA-R** is a specific type of electronic component typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These are essential in power management circuits for filtering and energy storage. --- ### 1. Key Technical Specifications While specific parameters can vary slightly by manufacturer (commonly associated with brands like **Sumida** or **Toko/Murata**), the "127" series generally follows a standardized footprint and performance profile. | Feature | Description | | :--- | :--- | | **Type** | Shielded Surface Mount (SMD) Power Inductor | | **Dimensions** | Approx. 12.0mm x 12.0mm x 8.0mm (127 Series) | | **Inductance Range** | Typically 1.0µH to 1000µH (Value depends on specific sub-code) | | **Tolerance** | Usually ±20% (M) | | **Core Material** | Ferrite | | **Shielding** | Magnetically shielded construction (reduces EMI) | --- ### 2. Anatomy of the Part Number The alphanumeric code provides specific details about the component's physical and electrical characteristics: * **127:** Refers to the physical size (roughly **12**mm x **12**mm with a height of **7**mm or 8mm). * **CTA:** Refers to the series type, often indicating high-temperature resistance or specific winding techniques. * **R:** Generally indicates **RoHS Compliance** (Restriction of Hazardous Substances) or "Reel" packaging. --- ### 3. Function and Applications The 127CTA-R is designed to handle relatively high currents while maintaining a compact footprint. #### Common Uses: 1. **DC-DC Converters:** Acts as an energy storage element in buck (step-down) or boost (step-up) converters. 2. **Noise Filtering:** Used in power supply lines to filter out high-frequency noise and ripples. 3. **Voltage Regulation:** Found in motherboards, industrial power supplies, and LED drivers. 4. **Consumer Electronics:** Used in televisions, game consoles, and telecommunication equipment. --- ### 4. Critical Selection Parameters If you are looking for a replacement or designing a circuit with this part, pay attention to these three factors: * **Isat (Saturation Current):** The current level at which the inductance drops by a specified percentage (usually 30%). * **Irms (Rated Current):** The maximum continuous current the inductor can handle before reaching a specific temperature rise (usually 40°C). * **DCR (DC Resistance):** The internal resistance of the copper wire; lower DCR results in higher efficiency and less heat. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific inductance value (uH) printed on your 127CTA-R component?
    • ⤷ How does magnetic shielding in this inductor benefit sensitive electronic circuits?
    • ⤷ What are the common failure modes for SMD power inductors like the 127CTA-R?