Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 1292-R2

  • AI
    The **1292-R2** is a specific electronic component, most commonly associated with **high-power current sensing** or **thick film resistors** used in industrial power management and automotive applications. --- ### 1. General Specifications The 1292-R2 series typically refers to high-power, low-resistance surface mount (SMD) components. Below is a breakdown of its general technical characteristics: | Feature | Description | | :--- | :--- | | **Component Type** | Current Sense Resistor / Thick Film | | **Resistance Value** | 0.2 $\Omega$ (indicated by the "R2" suffix) | | **Power Rating** | Generally 1W to 3W (depending on package size) | | **Tolerance** | Usually $\pm1\%$ or $\pm5\%$ | | **Temperature Coefficient** | Low TCR (e.g., $\pm100$ ppm/°C) to ensure stability | --- ### 2. Key Electronic Functions The 1292-R2 performs several critical roles in a circuit: * **Current Sensing:** Because of its low resistance (0.2 ohms), it is placed in series with a load. The voltage drop across the resistor is measured to determine the amount of current flowing through the circuit ($I = V/R$). * **Voltage Division:** Used in feedback loops to scale down voltages for microcontrollers or analog-to-digital converters (ADCs). * **Current Limiting:** Protects sensitive components by restricting the maximum current flow in LED drivers or battery charging circuits. --- ### 3. Physical Construction These parts are designed to handle heat dissipation efficiently. 1. **Substrate:** High-purity Alumina ($Al_2O_3$) ceramic for thermal conductivity. 2. **Resistive Element:** Metal glaze or thick film layer. 3. **Terminations:** Usually matte tin over nickel barrier to prevent "leaching" during soldering. 4. **Coating:** Epoxy or glass protective overcoat for environmental moisture resistance. --- ### 4. Common Applications The 1292-R2 is frequently found in the following systems: * **DC-DC Converters:** Monitoring output current to prevent over-current conditions. * **Battery Management Systems (BMS):** Measuring charge and discharge rates in Li-ion packs. * **Motor Controllers:** Feedback loops for torque and speed control. * **Power Supplies:** Load regulation and short-circuit protection.
    ✨ Follow-up Questions
    • ⤷ What is the maximum wattage rating for the 1292-R2 in a 2512 package size?
    • ⤷ How does temperature affect the resistance stability of the R2 component?
    • ⤷ Can this component be used in high-frequency pulse applications?