Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 12D-R

  • AI
    The designation **12D-R** is a standard nomenclature used across various electronic components, most commonly referring to **Isolators (DC-DC Converters)** or **Electromechanical Switches**. Below is a breakdown of the two most frequent interpretations of this part number. --- ### 1. 12D-R Series: DC-DC Converters In power electronics, "12D" typically signifies a **12V DC input**, and "R" often refers to a specific regulation type or a SIP (Single In-line Package) form factor. These are used to provide isolated power to different sections of a PCB. #### Technical Specifications | Feature | Typical Specification | | :--- | :--- | | **Input Voltage** | 12V DC (Nominal) | | **Output Voltage** | Often 5V, 12V, or 15V (Dual or Single) | | **Isolation Voltage** | 1000V DC to 3000V DC | | **Package Style** | SIP-4, SIP-7, or DIP-8 | | **Efficiency** | 70% - 85% | #### Common Applications * **Ground Loop Elimination:** Separating digital and analog grounds. * **Data Acquisition:** Protecting sensitive sensors from power supply noise. * **Industrial Control:** Providing isolated power for RS-485 or CAN bus transceivers. --- ### 2. SS-12D-R: Slide Switches In the context of electromechanical components, the **SS-12D** series refers to a **Single Pole Double Throw (SPDT)** slide switch. The "R" suffix often indicates a specific physical variation, such as a right-angle mount or a specific lever height. #### Mechanical Characteristics * **Circuitry:** 1P2T (1 Pole, 2 Throw). * **Mounting:** Through-hole (PCB) or Surface Mount (SMD). * **Rating:** Usually 0.3A at 30V DC. * **Life Expectancy:** ~10,000 cycles. --- ### 3. Component Identification Guide To determine exactly which "12D-R" you have, check the physical characteristics: | If the part looks like... | It is likely a... | | :--- | :--- | | A small black plastic box with 4 to 8 pins | **DC-DC Converter** | | A metal or plastic housing with a sliding knob | **Slide Switch** | | A small glass or ceramic tube | **Diode/Zener (Less common)** | --- ### Summary Checklist for Purchasing If you are looking for a replacement, verify these three parameters: 1. **Pin Pitch:** The distance between the metal leads. 2. **Voltage Rating:** Crucial for power converters. 3. **Footprint:** Whether it is a "Right Angle" (R) or "Vertical" orientation.
    ✨ Follow-up Questions
    • ⤷Are you looking for a power converter or a physical switch?
    • ⤷ What is the manufacturer's name printed on the component?
    • ⤷ What specific voltage output do you require for this part?