Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 12FDR10B

  • AI
    The **12FDR10B** is a high-performance **Fast Recovery Rectifier Diode** typically used in power electronic circuits. It is designed to handle high currents and voltages while switching rapidly from a conducting state to a blocking state. --- ### 1. Key Technical Specifications The following table highlights the typical electrical characteristics of the 12FDR10B: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Type** | Fast Recovery Diode | Optimized for high-speed switching | | **Max Peak Reverse Voltage ($V_{RRM}$)** | 100V | The maximum voltage it can block in reverse | | **Forward Current ($I_{F(AV)}$)** | 12A | Average rectified forward current | | **Reverse Recovery Time ($t_{rr}$)** | ~35ns - 50ns | Time taken to stop conducting when switched | | **Forward Voltage Drop ($V_F$)** | ~0.95V - 1.2V | Voltage lost across the diode during conduction | | **Package Style** | TO-220 or similar | Standard power package for heatsink mounting | --- ### 2. Functional Features * **Fast Recovery Time ($t_{rr}$):** Unlike standard rectifiers (like the 1N4007), this diode switches off very quickly. This reduces power loss (switching losses) and prevents electromagnetic interference (EMI). * **High Current Capacity:** Rated at 12 Amps, making it suitable for medium-to-high power applications. * **Low Forward Voltage:** It maintains high efficiency by minimizing the heat generated during the "ON" state. * **Thermal Stability:** Designed to operate at high temperatures, often up to 150°C. --- ### 3. Common Applications The 12FDR10B is predominantly used in circuits where high-frequency switching occurs: 1. **Switching Mode Power Supplies (SMPS):** Used for output rectification to convert high-frequency AC to DC. 2. **DC-DC Converters:** Acts as a "freewheeling" diode to protect transistors from voltage spikes. 3. **Inverters:** Essential in motor control and solar power inverters for efficient energy conversion. 4. **Battery Chargers:** High-speed rectification for fast-charging systems. --- ### 4. Circuit Symbol and Connection In a schematic, the 12FDR10B follows the standard diode symbol, but it is often marked with a "fast recovery" notation or used in a bridge configuration. ```text Anode (+) Cathode (-) |-------|>|-------| (Current Flow Direction ---->) ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the direct equivalents or replacements for the 12FDR10B?
    • ⤷ How does the reverse recovery time impact the efficiency of an SMPS circuit?
    • ⤷ What is the importance of a heatsink for a 12A diode?