Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 1306F-R10K

  • AI
    The **1306F-R10K** is a specific model of a **rotary potentiometer**, commonly used as a variable resistor to control voltage, volume, or signal levels in electronic circuits. --- ### 1. Technical Specifications The part number typically breaks down into the series, mounting style, and resistance value. | Parameter | Specification | | :--- | :--- | | **Model Series** | 1306 / 1306F | | **Resistance Value** | 10kΩ (10,000 Ohms) | | **Tolerance** | ±10% or ±20% (standard) | | **Power Rating** | Approx. 0.05W to 0.1W | | **Rotation Angle** | 300° ± 5° | | **Taper** | Linear (Type B) | | **Mounting Type** | Through-hole (PCB Mount) | --- ### 2. Component Structure This component consists of several key physical elements: 1. **Resistive Element:** A carbon film track that provides the 10kΩ resistance. 2. **Wiper:** A metal contact that slides along the resistive track when the shaft is turned. 3. **Shaft (F-Type):** The "F" often denotes a "Flatted" or "D-shaped" shaft, designed to hold a knob securely without slipping. 4. **Terminals:** Usually three pins: * **Pin 1 & 3:** Fixed ends of the resistor. * **Pin 2 (Center):** The wiper output. --- ### 3. Pinout Configuration In most circuit applications, the potentiometer is wired as a voltage divider. ```text (Fixed) (Wiper) (Fixed) | | | [Pin 1] [Pin 2] [Pin 3] |_________|_________| (10k Ohms) ``` --- ### 4. Common Applications * **Audio Equipment:** Volume control, gain adjustment, or tone (bass/treble) settings. * **Control Panels:** Adjusting brightness on displays or speed on small DC motors. * **Prototyping:** Used with microcontrollers (like Arduino/ESP32) to provide a variable analog input voltage between 0V and VCC. --- ### 5. Identification Guide (R10K) In electronics nomenclature, **R10K** is shorthand for the resistance: * **R** = Decimal point or Resistance indicator. * **10K** = 10,000 Ohms. * If you see a code like **103**, it means 10 followed by 3 zeros (10,000).
    ✨ Follow-up Questions
    • ⤷ What is the difference between a linear and logarithmic taper for this part?
    • ⤷ How do I wire this to an Arduino to read analog values?
    • ⤷ What are the physical dimensions of the 1306F series?