Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 1306F-R27K

  • AI
    The **1306F-R27K** is a specific model of an **SMD (Surface Mount Device) Power Inductor**. These components are essential in power management circuits for filtering, energy storage, and impedance matching. Below is a detailed breakdown of its specifications and characteristics. --- ### 1. Technical Specifications The part number follows a standard nomenclature for fixed inductors. Here are the primary technical parameters: | Parameter | Value / Specification | | :--- | :--- | | **Inductance** | 0.27 µH (Microhenries) | | **Tolerance** | ±10% (Indicated by the 'K' suffix) | | **Component Type** | Unshielded or Semi-shielded Drum Core Inductor | | **Mounting Type** | SMD (Surface Mount) | | **Package Size** | 1306 Series (Approx. 13mm x 9mm footprint) | --- ### 2. Breakdown of the Part Number To understand the component, we can deconstruct the code **1306F-R27K**: * **1306**: Represents the physical dimensions. Usually, this means a length/width profile of approximately 13.0mm x 9.4mm (though heights can vary). * **F**: Often denotes the series type or lead-free (RoHS compliant) status depending on the manufacturer (such as Delevan or Bourns). * **R27**: This is the inductance value. The "R" acts as a decimal point. Therefore, R27 = **0.27 µH**. * **K**: This is the tolerance code. K represents **±10%**. --- ### 3. Key Electronic Functions The 1306F-R27K serves several critical roles in a circuit: 1. **Energy Storage:** In DC-DC converters (Buck/Boost), it stores energy in a magnetic field during the "on" cycle and releases it during the "off" cycle. 2. **Noise Filtering:** It acts as a low-pass filter, allowing DC current to pass while blocking high-frequency alternating current (AC) noise. 3. **Current Smoothing:** It prevents rapid changes in current, ensuring a stable output for sensitive components like CPUs or FPGAs. --- ### 4. Common Applications Due to its relatively low inductance (0.27 µH) and large physical size, this inductor is typically used in **high-current** environments: * **Voltage Regulator Modules (VRMs):** Found on motherboards and graphics cards. * **Switching Power Supplies:** Used in industrial and consumer electronics. * **DC-DC Converters:** For stepping down voltage in automotive or telecommunication equipment. * **Output Chokes:** In high-frequency power conversion systems. --- ### 5. Physical Characteristics * **Core Material:** Usually Ferrite, which provides high permeability and low core losses at high frequencies. * **Terminations:** Solder-plated copper pads for reflow soldering. * **Operating Temperature:** Typically rated between **-40°C to +125°C**, making it suitable for industrial use.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Saturation Current) for the 1306F-R27K?
    • ⤷ How does an unshielded inductor differ from a shielded one in terms of EMI?
    • ⤷ What are the recommended alternatives if this specific part is out of stock?