Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 1306F-R39J

  • AI
    The **1306F-R39J** is a high-precision, high-current Surface Mount Device (SMD) Power Inductor. It is commonly used in DC-DC converters and power supply modules where small physical size and high reliability are required. --- ## Technical Specifications | Parameter | Specification | | :--- | :--- | | **Part Series** | 1306F (or similar high-current series) | | **Inductance** | 0.39 µH (indicated by "R39") | | **Tolerance** | ±5% (indicated by "J") | | **Package Style** | SMD (Surface Mount Device) | | **Operating Temperature** | Typically -40°C to +125°C | | **Core Material** | Ferrite or Metal Alloy Composite | --- ## Part Number Breakdown Understanding the nomenclature helps in identifying its specific electrical characteristics: 1. **1306F**: Refers to the physical dimensions of the component. Usually, "1306" denotes a footprint approximately **13mm x 13mm x 6mm** (though exact dimensions vary by manufacturer like Coilcraft or Bourns). 2. **R39**: This is the inductance value. * **R** acts as a decimal point. * **0.39 Microhenries (µH)**. 3. **J**: This is the tolerance code. * **J** = ±5% * (Other common codes: K = ±10%, M = ±20%). --- ## Key Features and Applications ### Features * **Low DCR (DC Resistance):** Designed to minimize power loss and heat generation. * **High Saturation Current:** Can handle high current spikes without the inductance dropping significantly. * **Shielded Construction:** Often features magnetic shielding to reduce Electromagnetic Interference (EMI) with neighboring components. ### Common Applications * **Voltage Regulator Modules (VRM):** Used in CPUs and GPUs for power regulation. * **Distributed Power Systems:** High-current DC-DC converters. * **Telecommunications:** Base station power supplies and networking equipment. * **Industrial Electronics:** High-efficiency power drivers. --- ## Schematic Representation In an electrical circuit diagram, this part is represented by the standard inductor symbol: ```text L1 ---(nnnn)--- 0.39µH ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms) for the 1306F-R39J?
    • ⤷ Which manufacturers produce equivalents for the 1306F series?
    • ⤷ How does the 'R39' value affect the ripple current in a buck converter?