Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 13520-R005

  • AI
    The part number **13520-R005** typically refers to a specialized electronic component, most commonly identified as a **High-Precision Power Resistor** or a specific **Automotive Actuator/Sensor component** depending on the manufacturer prefix (often associated with brands like Isabellenhütte or automotive OEMs). In the context of precision electronics, this part is frequently associated with current sensing and power management. --- ### 1. Technical Specifications (General) If this part refers to a precision shunt resistor (e.g., Isabellenhütte SMX series style), the specifications generally align with the following: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Precision Power Resistor / Current Shunt | | **Resistance Value** | 5 mΩ (Milliohms) | | **Tolerance** | ±1% to ±5% | | **Power Rating** | Up to 5W (Depending on mounting) | | **Temperature Coefficient** | < 50 ppm/K | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Key Internal Components & Materials Precision parts like the 13520-R005 are engineered for stability under thermal stress. * **Resistive Element:** Usually made of **Manganin** or **Zeranin** alloys. these materials are chosen because their resistance changes very little even as they get hot. * **Substrate:** A ceramic or specialized metal substrate that helps dissipate heat away from the resistive element to prevent "thermal drift." * **Terminals:** Usually heavy-duty copper terminals with tin plating to ensure low contact resistance and high solderability. --- ### 3. Application Areas These parts are integrated into electronic systems where measuring high current is critical: 1. **Battery Management Systems (BMS):** Used to monitor the charge and discharge rates of lithium-ion batteries in EVs or laptops. 2. **Motor Control:** Acts as a feedback sensor to ensure the motor is receiving the correct amount of current. 3. **Power Supplies:** Used in DC-DC converters to regulate output and protect against over-current scenarios. 4. **Automotive Modules:** Frequently found in ECU (Engine Control Unit) circuits for fuel injection or transmission control. --- ### 4. Why the "R005" Suffix Matters In electronic nomenclature, the **R** acts as a decimal point for Ohms: * **R005** = 0.005 Ω (or 5 mΩ). * This extremely low resistance is necessary so that the component does not "steal" too much power from the circuit while it measures the current flowing through it. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the 13520-R005?
    • ⤷ How do I calculate the voltage drop across a 5mΩ resistor at 10 Amps?
    • ⤷ Are there alternative part numbers with higher power ratings?