Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 135ER-R10

  • AI
    The **135ER-R10** is a specific model of an **SMD (Surface Mount Device) Power Inductor**. These components are critical in modern electronics for managing power flow, filtering noise, and storing energy in magnetic fields. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Technical Specifications The alphanumeric code "135ER-R10" typically follows a standard industry naming convention for inductors. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Fixed Inductor | Power Inductor used in DC-DC converters. | | **Inductance Value** | **0.10 µH** (R10) | "R" represents the decimal point. | | **Tolerance** | ±20% (Typical) | The allowable variance in inductance. | | **Package Size** | 13.5mm x 12.5mm | Large footprint for high-current handling. | | **Current Rating** | Very High (30A - 60A+) | Designed for low-voltage, high-current CPU/GPU rails. | | **DCR (Resistance)** | Ultra-Low | Minimizes heat loss and improves efficiency. | --- ### 2. Physical Construction The **135ER** series usually features a **Molded Power Inductor** construction: * **Core Material:** Composite Iron Powder or Carbonyl Iron. This allows for soft saturation (the inductance doesn't drop off instantly as current increases). * **Shielding:** These are magnetically shielded to prevent electromagnetic interference (EMI) from affecting nearby sensitive components. * **Termination:** Lead-free (RoHS compliant) solder pads for surface mounting. --- ### 3. Key Applications Because of the extremely low inductance (**0.10 µH**) and high current capacity, this part is found in specific high-performance circuits: 1. **Voltage Regulator Modules (VRMs):** Used in motherboards and graphics cards to provide stable power to processors. 2. **DC-DC Converters:** High-frequency switching power supplies. 3. **POL (Point of Load) Converters:** Providing power to FPGAs or ASICs where high speed and high current are required. 4. **Servers and Data Centers:** Power management in high-density computing environments. --- ### 4. Part Number Breakdown * **135:** Refers to the physical dimensions (approx. 13.5mm footprint). * **ER:** Series designation (often indicating the molding type or manufacturer-specific line). * **R10:** The value code. **R** = decimal. **10** = 10. Therefore, $0.10$ microhenries ($\mu H$). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current for the 135ER-R10?
    • ⤷ How does an inductor's DCR affect circuit efficiency?
    • ⤷ What are the advantages of molded inductors over wire-wound inductors?