Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 135F-R005

  • AI
    The **135F-R005** is a specialized electronic component, typically categorized as a **Current Sense Resistor** (Shunt Resistor). These components are designed to measure current flow by creating a very small voltage drop that can be monitored by a microcontroller or analog circuit. --- ### 1. Key Technical Specifications Based on the part number nomenclature common in the industry, here are the primary characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Resistance Value** | 0.005 $\Omega$ (5 m$\Omega$) | Extremely low resistance to minimize power loss. | | **Tolerance** | $\pm 1\%$ (F) | High precision for accurate current measurement. | | **Power Rating** | Varies (e.g., 1W - 5W) | Depends on the physical package size. | | **Technology** | Metal Element / Shunt | Made of metal alloys for stability. | --- ### 2. Functional Characteristics * **Current Sensing:** Because the resistance is so low (5 milliohms), it allows high current to pass through without generating excessive heat, while providing a measurable voltage output ($V = I \times R$). * **Low Inductance:** Designed to minimize inductive effects, making it suitable for high-frequency switching power supplies. * **Temperature Stability:** Usually features a low Temperature Coefficient of Resistance (TCR), meaning the resistance value stays stable even as the part warms up. --- ### 3. Common Applications These parts are found in circuits where monitoring battery life or motor load is critical: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge rates in Li-ion packs. 2. **DC-DC Converters:** Providing feedback loops for over-current protection. 3. **Motor Controllers:** Detecting torque and preventing stalls by measuring the current draw. 4. **Power Inverters:** Used in solar or automotive electronics. --- ### 4. Schematic Representation In a circuit diagram, it is represented as a standard resistor but is often wired in series with the load. ```arduino [Source (+)] ---- [135F-R005 Resistor] ---- [Load] ---- [GND] | | +--[ADC]---+ (Voltage measured across resistor) ```
    ✨ Follow-up Questions
    • ⤷ How do I calculate the power dissipation for this resistor at 10 Amps?
    • ⤷ What is the difference between a 2-terminal and a 4-terminal shunt resistor?
    • ⤷ What are the common SMD package sizes for the 135F series?